전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM301A 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LM301A
상세설명  Non Compensated Single Operational Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM301A 데이터시트(HTML) 5 Page - ON Semiconductor

  LM301A Datasheet HTML 1Page - ON Semiconductor LM301A Datasheet HTML 2Page - ON Semiconductor LM301A Datasheet HTML 3Page - ON Semiconductor LM301A Datasheet HTML 4Page - ON Semiconductor LM301A Datasheet HTML 5Page - ON Semiconductor LM301A Datasheet HTML 6Page - ON Semiconductor LM301A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM301A, LM201A, LM201AV
http://onsemi.com
5
Figure 10. Voltage Follower Pulse Response
Figure 11. Open Loop Frequency Response
Figure 12. Large Signal Frequency Response
Figure 13. Inverter Pulse Response
Figure 14. Single−Pole Compensation
Figure 15. Feedforward Compensation
t, TIME (
ms)
t, TIME (
ms)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
10
8.0
6.0
4.0
2.0
0
-2.0
-4.0
-6.0
-8.0
-10
0
10
20304050
60
7080
90
140
120
100
80
60
40
20
0
-20
10
100
1.0 k
10 k
100 k
1.0 M 10 M 100 M
10
8.0
6.0
4.0
2.0
0
-2.0
-4.0
-6.0
-8.0
-10
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
1.0 M
10 M
100 k
0
18
16
12
8.0
4.0
225
180
135
90
45
0
Balance
1
4
VEE
R2
R1
R3
2
3
7
6
8
C1
VCC
VO
-VI
+VI
Frequency
Compensation
C2
R2
R1
VI
R3
C1
150 pF
Balance
VEE
VO
2
3
6
7
4
1
C2 =
1
2
πfoR2
fo = 3.0 MHz
+
+
C1
R1 Cs
R1 +R2
Cs = 30 pF
VCC
Single-Pole Compensation
Output
Input
Feedforward
Compensation
0
Output
Input
Feedforward
Compensation
Phase
Gain
Feedforward
Compensation


유사한 부품 번호 - LM301A

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
STMicroelectronics
LM301A STMICROELECTRONICS-LM301A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LM301A LINER-LM301A Datasheet
388Kb / 6P
   Operational Amplifiers
logo
Fairchild Semiconductor
LM301A FAIRCHILD-LM301A Datasheet
60Kb / 6P
   Single Operational Amplifier
logo
ON Semiconductor
LM301A ONSEMI-LM301A Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
More results

유사한 설명 - LM301A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM301A ONSEMI-LM301A Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
logo
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
logo
Elantec Semiconductor
EL2423D ELANTEC-EL2423D Datasheet
328Kb / 1P
   Quad De-Compensated High Speed Operational Amplifiers
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Siemens Semiconductor G...
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com