전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2902SF 데이터시트(PDF) 9 Page - Rohm

부품명 BA2902SF
상세설명  Ground Sense Operational Amplifiers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2902SF 데이터시트(HTML) 9 Page - Rohm

Back Button BA2902SF Datasheet HTML 5Page - Rohm BA2902SF Datasheet HTML 6Page - Rohm BA2902SF Datasheet HTML 7Page - Rohm BA2902SF Datasheet HTML 8Page - Rohm BA2902SF Datasheet HTML 9Page - Rohm BA2902SF Datasheet HTML 10Page - Rohm BA2902SF Datasheet HTML 11Page - Rohm BA2902SF Datasheet HTML 12Page - Rohm BA2902SF Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
9/52
23.Jan.2014 Rev.003
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
○BA2904W (Unless otherwise specified VCC=+5V, VEE=0V)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
(Note 25)
VIO
25°C
-
0.5
2
mV
OUT=1.4V
Input Offset Voltage Drift
△VIO/△T
-
-
±7
-
μV/°C OUT=1.4V
Input Offset Current
(Note 25)
IIO
25°C
-
2
50
nA
OUT=1.4V
Input Offset Current Drift
△IIO/△T
-
-
±10
-
pA/°C OUT=1.4V
Input Bias Current
(Note 25)
IB
25°C
-
20
250
nA
OUT=1.4V
Full range
-
-
250
Supply Current
ICC
25°C
-
0.5
1.2
mA
RL=∞, All Op-Amps
Full range
-
-
1.2
Maximum Output Voltage(High)
VOH
25°C
3.5
-
-
V
RL=2k
Full range
27
28
-
VCC=30V, RL=10k
Maximum Output Voltage(Low)
VOL
Full range
-
5
20
mV
RL=∞, All Op-Amps
Large Signal Voltage Gain
AV
25°C
25
100
-
V/mV
RL≧2k
Ω, VCC=15V
OUT=1.4 to 11.4V
88
100
-
dB
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC-1.5
V
(VCC-VEE)=5V
OUT=VEE+1.4V
Common-mode Rejection Ratio
CMRR
25°C
50
80
-
dB
OUT=1.4V
Power Supply Rejection Ratio
PSRR
25°C
65
100
-
dB
VCC=5 to 30V
Output Source Current
(Note 26)
ISOURCE
25°C
20
30
-
mA
VIN+=1V, VIN-=0V
OUT=0V, 1CH is short circuit
Full range
10
-
-
Output Sink Current
(Note 26)
ISINK
25°C
10
20
-
mA
VIN+=0V, VIN-=1V
OUT=5V, 1CH is short circuit
Full range
2
-
-
25°C
12
40
-
μA
VIN+=0V, VIN-=1V
OUT=200mV
Channel Separation
CS
25°C
-
120
-
dB
f=1kHz, input referred
Slew rate
SR
25°C
-
0.2
-
V/
μs
VCC=15V, Av=0dB
RL=2k
Ω, CL=100pF
Gain Band Width
GBW
25°C
-
0.5
-
MHz
VCC=30V, RL=2k
CL=100pF
Input referred noise voltage
VN
25°C
-
40
-
Hz
nV/
VCC=15V, VEE=-15V
RS=100
Ω, Vi=0V, f=1kHz
(Note 25) Absolute value
(Note 26) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


유사한 부품 번호 - BA2902SF

제조업체부품명데이터시트상세설명
logo
Rohm
BA2902SF ROHM-BA2902SF	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902SF ROHM-BA2902SF Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA2902SF ROHM-BA2902SF Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA2902SF ROHM-BA2902SF Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA2902SF ROHM-BA2902SF Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
More results

유사한 설명 - BA2902SF

제조업체부품명데이터시트상세설명
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com