전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM324FJ 데이터시트(PDF) 5 Page - Rohm

부품명 LM324FJ
상세설명  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

LM324FJ 데이터시트(HTML) 5 Page - Rohm

  LM324FJ Datasheet HTML 1Page - Rohm LM324FJ Datasheet HTML 2Page - Rohm LM324FJ Datasheet HTML 3Page - Rohm LM324FJ Datasheet HTML 4Page - Rohm LM324FJ Datasheet HTML 5Page - Rohm LM324FJ Datasheet HTML 6Page - Rohm LM324FJ Datasheet HTML 7Page - Rohm LM324FJ Datasheet HTML 8Page - Rohm LM324FJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200190-1-2
©2015 ROHM Co., Ltd. All rights reserved.
5/44
01.Aug.2016 Rev.005
TSZ22111・15・001
LM358xxx
LM324xxx
LM2904xxx
LM2902xxx
Description of Electrical Characteristics
Below are the descriptions of the relevant electrical terms used in this datasheet. Items and symbols used are also shown.
Note that item names, symbols, and their meanings may differ from those of another manufacturer’s document or general
document.
1. Absolute Maximum Ratings
Absolute maximum rating items indicate the conditions which must not be exceeded. Application of voltage in excess of the
absolute maximum rating or use out of absolute maximum rated temperature environment may cause deterioration of
electrical characteristics.
(1) Supply Voltage (VCC/VEE)
Indicates the maximum voltage that can be applied between the VCC pin and VEE pin without deterioration of
characteristics of internal circuit.
(2) Differential Input Voltage (VID)
Indicates the maximum voltage that can be applied between the non-inverting and inverting pins without damaging
the IC.
(3) Input Common-mode Voltage Range (VICM)
Indicates the maximum voltage that can be applied to the non-inverting and inverting pins without deterioration or
destruction of electrical characteristics. Input common-mode voltage range of the maximum ratings does not assure
normal operation of IC. For normal operation, use the IC within the input common-mode voltage range characteristics.
(4) Power Dissipation (PD)
Indicates the power that can be consumed by the IC when mounted on a specific board at the ambient temperature 25°C
(normal temperature). As for package product, PD is determined by the temperature that can be permitted by the IC in
the package (maximum junction temperature) and the thermal resistance of the package.
2. Electrical Characteristics
(1) Input Offset Voltage (VIO)
Indicates the voltage difference between non-inverting pin and inverting pin. It can be translated to the input voltage
difference required for setting the output voltage to 0V.
(2) Input Offset Voltage Drift (∆VIO/∆T)
Denotes the ratio of the input offset voltage fluctuation to the ambient temperature fluctuation.
(3) Input Offset Current (IIO)
Indicates the difference of input bias current between the non-inverting and inverting pins.
(4) Input Bias Current (IB)
Indicates the current that flows into or out of the input pin. It is defined by the average of input bias currents at the
non-inverting and inverting pins.
(5) Supply Current (ICC)
Indicates the current that flows within the IC under specified no-load conditions.
(6) Maximum Output Voltage (High) / Maximum Output Voltage (Low) (VOH/VOL)
Indicates the voltage range of the output under specified load condition. It is typically divided into maximum output
voltage high and low. Maximum output voltage high indicates the upper limit of output voltage. Maximum output
voltage low indicates the lower limit.
(7) Large Signal Voltage Gain (AV)
Indicates the amplification rate (gain) of output voltage against the voltage difference between non-inverting pin and
inverting pin. It is normally the amplification rate (gain) with reference to DC voltage.
Av = (Output Voltage) / (Differential Input Voltage)
(8) Input Common-mode Voltage Range (VICM)
Indicates the input voltage range at which IC normally operates.
(9) Common-mode Rejection Ratio (CMRR)
Indicates the ratio of fluctuation of input offset voltage when the input common-mode voltage is changed. It is normally
the fluctuation of DC.
CMRR = (Change of Input Common-mode Voltage)/(Input Offset Fluctuation)


유사한 부품 번호 - LM324FJ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
LM324F PHILIPS-LM324F Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
More results

유사한 설명 - LM324FJ

제조업체부품명데이터시트상세설명
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com