전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPL1-01G 데이터시트(PDF) 1 Page - Copal Electronics

부품명 TPL1-01G
상세설명  Ultra-Miniature Pushbutton Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COPAL [Copal Electronics]
홈페이지  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

TPL1-01G 데이터시트(HTML) 1 Page - Copal Electronics

  TPL1-01G Datasheet HTML 1Page - Copal Electronics TPL1-01G Datasheet HTML 2Page - Copal Electronics TPL1-01G Datasheet HTML 3Page - Copal Electronics TPL1-01G Datasheet HTML 4Page - Copal Electronics TPL1-01G Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TP&TPL
Ultra-Miniature Pushbutton Switches
■ :WLJPÄJH[PVUZ
Rating
Silver plated contacts 0.1A 30VDC max.
Gold plated contacts 0.1A 30VDC max. 1
μA min.
Initial contact
resistance
Silver plated contacts : 50m
Ω max.
(1.5mA 200μVAC)
Gold plated contacts : 100m
Ω max.
Dielectric strength
500VAC 1 minute
Insulation resistance 100MΩmin.
      (500VDC)
Electrical life
10,000 operations
Operating
force
TP
1.47
±0.98N
  (Momentaly)
TPL
2.45
±0.98N
 (Push to lock)
Operating
temperature range
−10∼+70℃
Storage
temperature range
−25∼+85℃
■ Features
1. Long Travel
DPDT ultra-miniature switch with long travel (latch
position: 1 mm, total travel: 1.5 mm).
2. High Contact Reliability
Clip type contact mechanism ensures high reliability.
3. PC Board Mount
Terminal pitch is in inches (multiples of 2.54 mm) for
all models. The unique terminal shape prevents the
terminal pins from coming loose from the PC board
during dip soldering.
4. Epoxy Sealed Terminals
Epoxy sealed terminals prevent ingress of flux.
5. Wide Variety of Accessories
Wide selection of accessories including color buttons,
mounting frames, and LED illuminations are available
6. Unified Mounting Height
The mounting height of the TP/TPL series is the same
as the LTR/LTM series which makes it convenient to
design into the same panel.
T P L 1
− 01 G − L2
Series
code
Timing of
switching
Operation type
Contact plating
LED color
Structure
Registration No.
Non-shorting
Momentary
Puch to lock
Silver
Without LED
Red
Green
Yellow
Gold
None
None
None
P
LG
L8
L5
L2
RoHS Compliant
■Part Numbering
■Construction
Fig.
12
Construction
Without LED
With LED


유사한 부품 번호 - TPL1-01G

제조업체부품명데이터시트상세설명
logo
TDK Electronics
TPL1183427 TDK-TPL1183427 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183427-722J-720N TDK-TPL1183427-722J-720N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525 TDK-TPL1183525 Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-242Y-236N TDK-TPL1183525-242Y-236N Datasheet
125Kb / 13P
   Transponder Coils
TPL1183525-262J-261N TDK-TPL1183525-262J-261N Datasheet
125Kb / 13P
   Transponder Coils
More results

유사한 설명 - TPL1-01G

제조업체부품명데이터시트상세설명
logo
Copal Electronics
CFP2 COPAL-CFP2 Datasheet
928Kb / 3P
   Ultra-Miniature Pushbutton Switches
LTM3-02 COPAL-LTM3-02 Datasheet
186Kb / 2P
   Ultra-Miniature Pushbutton Switches
LTM3-01 COPAL-LTM3-01 Datasheet
192Kb / 2P
   Ultra-Miniature Illuminated Pushbutton Switches
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
List of Unclassifed Man...
301ST1ZBEJ81 ETC2-301ST1ZBEJ81 Datasheet
8Mb / 5P
   Miniature pushbutton switches
301SZBEJ6168 ETC2-301SZBEJ6168 Datasheet
8Mb / 5P
   Miniature pushbutton switches
MPS103F ETC2-MPS103F Datasheet
98Kb / 2P
   Miniature Pushbutton Switches
logo
Copal Electronics
SP_SERIES COPAL-SP_SERIES Datasheet
504Kb / 4P
   Miniature Pushbutton Switches
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com