전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCC250-12U-4P 데이터시트(PDF) 7 Page - Artesyn Technologies

부품명 LCC250-12U-4P
상세설명  250 Watts Convection/Conduction Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

LCC250-12U-4P 데이터시트(HTML) 7 Page - Artesyn Technologies

  LCC250-12U-4P Datasheet HTML 1Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 2Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 3Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 4Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 5Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 6Page - Artesyn Technologies LCC250-12U-4P Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LCC250 Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2015 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
LCC250 DS 29Oct2015
Cable
Length
Designation
Wire Color
Wire Gauge
AC Input Cable
L1 = 300 ±10 mm
L = Live
Brown
AWG#18
N = Neutral
Blue
AWG#18
PE = Primary Earth
Green/Yellow
AWG#18
DC Output Cable
L2 = 300 ±10 mm
+Output
Blue
AWG#14
-Output
Gray
AWG#14
Control Cable
L3 = 300 ±10 mm
Dimming
Brown
AWG#26
Dimming Return
Yellow
AWG#26
ON/OFF
Orange
AWG#26
ON/OFF Return
White
AWG#26
Sense
Red
AWG#26
Sense Return
Black
AWG#26


유사한 부품 번호 - LCC250-12U-4P

제조업체부품명데이터시트상세설명
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Vishay Siliconix
LCC20AE1000BT0 VISHAY-LCC20AE1000BT0 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT1 VISHAY-LCC20AE1000BT1 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT3 VISHAY-LCC20AE1000BT3 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
More results

유사한 설명 - LCC250-12U-4P

제조업체부품명데이터시트상세설명
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
logo
List of Unclassifed Man...
27160 ETC-27160 Datasheet
101Kb / 1P
   Effective with radiation, convection and conduction heat transfer
logo
Artesyn Technologies
LCC600-48U-9P ARTESYN-LCC600-48U-9P Datasheet
1Mb / 8P
   600 Watts Conduction Cooling
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com