전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCC250-12U-4PE 데이터시트(PDF) 2 Page - Artesyn Technologies

부품명 LCC250-12U-4PE
상세설명  250 Watts Convection/Conduction Mounting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARTESYN [Artesyn Technologies]
홈페이지  
Logo ARTESYN - Artesyn Technologies

LCC250-12U-4PE 데이터시트(HTML) 2 Page - Artesyn Technologies

  LCC250-12U-4PE Datasheet HTML 1Page - Artesyn Technologies LCC250-12U-4PE Datasheet HTML 2Page - Artesyn Technologies LCC250-12U-4PE Datasheet HTML 3Page - Artesyn Technologies LCC250-12U-4PE Datasheet HTML 4Page - Artesyn Technologies LCC250-12U-4PE Datasheet HTML 5Page - Artesyn Technologies LCC250-12U-4PE Datasheet HTML 6Page - Artesyn Technologies LCC250-12U-4PE Datasheet HTML 7Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LCC250 Data Sheet
Environmental Specifications
Operating temperature
Suffix 4P (Conduction): -40 °C to +85 °C Baseplate Temperature
Suffix 7P (Convection): -40 °C to +85 °C Ambient Temperature
Storage temperature
-40 °C to +85 °C
Humidity
10% to 100% (Condensing & Non-Condensing)
Altitude
Operating: 13,000 feet
Non-Operating: 50,000 feet
Shock
IEC68-2-27
Vibration
IEC68-2-6 / IEC721-3-2
Ingress Protection
IP64 Rated
MTBF (Calculated)
> 780,000 hours at 100% load; Low line; Telcordia SR-332
Electrical Specifications
Output
Output rating
12 V @ 20.8 A
24 V @ 10.4 A
48 V @ 5.2 A
Set point
±0.2%
Factory set point
Total regulation range
±2%
Line/Load/Temperature
Rated load
250 W maximum
Minimum load
0 A Load
No loss of regulation
Capacitive load
0 - 330 μF/Amp
Output voltage overshoot
No overshoot/undershoot outside the regulation band during
on or off cycle
Constant output voltage
adjustment range
12 V: +10 / -10%
24 V: +14.6 / -15%
48 V: +15% / -15%
Adjust via VR2
Constant output current
adjustment range
+0 / -50%
Adjust via VR1
CC mode supported from Vo nominal down to 80% Vo
Output ripple and noise
1%
0 to 330 μF/Amp
Transient response
±5% Vo max transient;
recovery < 500 μs max
50% Load Step @ 1 A/μs
Step Load verified at: 50% to 100% Load; 90 - 264 Vac
input; Capacitive load from 0 to 330 μF/Amp
Remote sense
Capable of Stable Offset of ±0.5 Vdc at output
cable termination
+SENSE (Red Wire); -SENSE (Black Wire)
Output On/Off
Remote On/Off referenced to secondary side.
Positive or Negative logic user selectable via CN2.
Factory default is Positive logic
On/Off (Orange Wire); On/Off Return (White Wire)
Overcurrent protection (OCP)
≤ 150% Io
Auto-recovery
Overvoltage protection (OVP)
110% to 135% Vo
Latching mode; Requires input AC recycle
Overtemperature Protection (OTP)
Auto-recovery; hiccup mode
Output isolation
4000 Vac Input to Output
1500 Vac Input to Ground
500 Vac Output to Ground


유사한 부품 번호 - LCC250-12U-4PE

제조업체부품명데이터시트상세설명
logo
PANDUIT CORP.
LCC2-14BW-CUST PANDUIT-LCC2-14BW-CUST Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
LCC2-14BW-Q PANDUIT-LCC2-14BW-Q Datasheet
91Kb / 1P
   Copper Lug-Two-Hole, Long Barrel with Window
logo
Vishay Siliconix
LCC20AE1000BT0 VISHAY-LCC20AE1000BT0 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT1 VISHAY-LCC20AE1000BT1 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
LCC20AE1000BT3 VISHAY-LCC20AE1000BT3 Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
More results

유사한 설명 - LCC250-12U-4PE

제조업체부품명데이터시트상세설명
logo
XP Power Limited
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
   250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
   250 W Convection-cooled
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
   250 W Convection Cooled
logo
List of Unclassifed Man...
27160 ETC-27160 Datasheet
101Kb / 1P
   Effective with radiation, convection and conduction heat transfer
logo
Artesyn Technologies
LCC600-48U-9P ARTESYN-LCC600-48U-9P Datasheet
1Mb / 8P
   600 Watts Conduction Cooling
LPQ253-CEF ARTESYN-LPQ253-CEF Datasheet
704Kb / 4P
   250 Watts
logo
Anaren Microwave
250-50RM ANAREN-250-50RM Datasheet
337Kb / 2P
   250 Watts
logo
Astec America, Inc
MS250 ASTEC-MS250 Datasheet
656Kb / 2P
   250 Watts
LPQ250 ASTEC-LPQ250 Datasheet
135Kb / 2P
   250 Watts
LPS250 ASTEC-LPS250 Datasheet
451Kb / 2P
   250 Watts
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com