전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E1652 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC10E1652
상세설명  Dual ECL Output Comparator with Latch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E1652 데이터시트(HTML) 2 Page - ON Semiconductor

  MC10E1652_13 Datasheet HTML 1Page - ON Semiconductor MC10E1652_13 Datasheet HTML 2Page - ON Semiconductor MC10E1652_13 Datasheet HTML 3Page - ON Semiconductor MC10E1652_13 Datasheet HTML 4Page - ON Semiconductor MC10E1652_13 Datasheet HTML 5Page - ON Semiconductor MC10E1652_13 Datasheet HTML 6Page - ON Semiconductor MC10E1652_13 Datasheet HTML 7Page - ON Semiconductor MC10E1652_13 Datasheet HTML 8Page - ON Semiconductor MC10E1652_13 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10E1652
http://onsemi.com
2
Pinout: 20-Lead PLCC
(Top View)
Qb
GND
NC
GND
Qa
Qb
LENb NC V1b
V2b
VCC
HYS
NC
VEE
VCC
Qa
LENa NC
V2a
V1a
19
18
13
17
16
15
14
12
11
10
9
4
567
8
20
1
2
3
Warning: All VCC, GND, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
* All VCC and VCCO pins are NOT tied together on the die.
Figure 1. Logic Diagrams and Pinout Assignments
Qa
Qa
LENa
V2a
V1a
Qb
Qb
LENb
V2b
V1b
VEE = -5.2 V
VCC = +5.0 V
HYS
Figure 2. Logic Diagram
Table 1. PIN DESCRIPTION
PIN
FUNCTION
Qa, Qa
ECL Differential Outputs (a)
Qb, Qb
ECL Differential Outputs (b)
LENa, LENb
ECL Latch Enable
V1a, V1b
Input Comparator 1
V2a, V2b
Input Comparator 2
HYS
Hysteresis Bias Voltage Control Input
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
GND
Ground
Table 2. FUNCTION TABLE
LEN
V1, V2
Function
H
H
L
V1 > V2
V1 < V2
X
H
L
Latched


유사한 부품 번호 - MC10E1652_13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E1652FN ONSEMI-MC10E1652FN Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652FNG ONSEMI-MC10E1652FNG Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652FNR2 ONSEMI-MC10E1652FNR2 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652FNR2G ONSEMI-MC10E1652FNR2G Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1652L ONSEMI-MC10E1652L Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
More results

유사한 설명 - MC10E1652_13

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E1652 ONSEMI-MC10E1652 Datasheet
140Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
REV 1
MC10E1651 ONSEMI-MC10E1651_13 Datasheet
125Kb / 9P
   Dual ECL Output Comparator with Latch
April, 2013 ??Rev. 10
MC10E1651 ONSEMI-MC10E1651 Datasheet
133Kb / 7P
   DUAL ECL OUTPUT COMPARATOR WITH LATCH
1996 REV 1
MC10E1652 ONSEMI-MC10E1652_06 Datasheet
138Kb / 10P
   5V, ??V ECL Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 9
MC10E1651 ONSEMI-MC10E1651_06 Datasheet
136Kb / 10P
   5V, ??V Dual ECL Output Comparator with Latch
November, 2006 ??Rev. 8
logo
Maxim Integrated Produc...
MAX9685 MAXIM-MAX9685 Datasheet
68Kb / 8P
   Ultra-Fast ECL-Output Comparator with Latch Enable
Rev 1; 7/93
MAX9687 MAXIM-MAX9687 Datasheet
44Kb / 4P
   Dual, Ultra-Fast ECL-Output Comparator
Rev 1; 7/93
MAX9690 MAXIM-MAX9690 Datasheet
28Kb / 4P
   Ultra-Fast ECL-Output Comparator
Rev 3; 3/97
MAX9691 MAXIM-MAX9691 Datasheet
320Kb / 10P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 1; 10/02
MAX9691 MAXIM-MAX9691_12 Datasheet
325Kb / 12P
   Single/Dual, Ultra-Fast, ECL-Output Comparators with Latch Enable
Rev 2; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com