전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2107G 데이터시트(PDF) 9 Page - Rohm

부품명 BA2107G
상세설명  Low Noise Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2107G 데이터시트(HTML) 9 Page - Rohm

Back Button BA2107G_14 Datasheet HTML 5Page - Rohm BA2107G_14 Datasheet HTML 6Page - Rohm BA2107G_14 Datasheet HTML 7Page - Rohm BA2107G_14 Datasheet HTML 8Page - Rohm BA2107G_14 Datasheet HTML 9Page - Rohm BA2107G_14 Datasheet HTML 10Page - Rohm BA2107G_14 Datasheet HTML 11Page - Rohm BA2107G_14 Datasheet HTML 12Page - Rohm BA2107G_14 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
9/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
BA2107
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 6.
Output Voltage - Supply Voltage
(RL=10kΩ)
Figure 7.
Output Voltage - Ambient Temperature
(VCC/VEE=+7.0V/-7.0V, RL=10kΩ)
Figure 8.
Output Voltage - Output Source Current
(VCC/VEE=+2.5V/-2.5V)
Figure 9.
Output Voltage - Output Sink Current
(VCC/VEE=+2.5V/-2.5V)
-10
-6
-2
2
6
10
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
-10
-6
-2
2
6
10
±1
±2
±3
±4
±5
±6
±7
±8
SUPPLY VOLTAGE [V]
VOH
VOL
VOH
VOL
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.4
0.8
1.2
1.6
2.0
OUTPUT SOURCE CURRENT [mA]
-3
-2.5
-2
-1.5
-1
-0.5
0
0
2
4
6
8
10
OUTPUT SINK CURRENT [mA]
VOH
VOL


유사한 부품 번호 - BA2107G_14

제조업체부품명데이터시트상세설명
logo
Rohm
BA2107G-TR ROHM-BA2107G-TR Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
BA2107G-TR ROHM-BA2107G-TR Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results

유사한 설명 - BA2107G_14

제조업체부품명데이터시트상세설명
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com