전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA2115FVM 데이터시트(PDF) 8 Page - Rohm

부품명 BA2115FVM
상세설명  Low Noise Operational Amplifiers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA2115FVM 데이터시트(HTML) 8 Page - Rohm

Back Button BA2115FVM Datasheet HTML 4Page - Rohm BA2115FVM Datasheet HTML 5Page - Rohm BA2115FVM Datasheet HTML 6Page - Rohm BA2115FVM Datasheet HTML 7Page - Rohm BA2115FVM Datasheet HTML 8Page - Rohm BA2115FVM Datasheet HTML 9Page - Rohm BA2115FVM Datasheet HTML 10Page - Rohm BA2115FVM Datasheet HTML 11Page - Rohm BA2115FVM Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
8/31
11.Nov.2014 Rev.002
TSZ22111・15・00
BA2107G BA2115xxx
Typical Performance Curves
BA2107
(*)The above data is measurement value of typical sample, it is not guaranteed.
Figure 2.
Derating Curve
Figure 3.
Supply Current - Supply Voltage
Figure 4.
Supply Current - Ambient Temperature
Figure 5.
Output Voltage - Load Resistance
(VCC/VEE=+2.5V/-2.5V)
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃]
BA2107G
85
0
1
2
3
4
0
5
10
15
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
-3
-2
-1
0
1
2
3
0.1
1
10
100
1000
10000
LOAD RESISTANCE [kΩ]
0
1
2
3
4
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
2.0V
14.0V
5.0V
VOH
VOL
LOAD RESISTANCE [kΩ]


유사한 부품 번호 - BA2115FVM

제조업체부품명데이터시트상세설명
logo
Rohm
BA2115FVM ROHM-BA2115FVM Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
BA2115FVM ROHM-BA2115FVM Datasheet
1Mb / 49P
   Low Noise Operational Amplifiers
BA2115FVM ROHM-BA2115FVM Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA2115FVM ROHM-BA2115FVM Datasheet
952Kb / 50P
   Low Noise Operational Amplifiers
BA2115FVM ROHM-BA2115FVM Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
More results

유사한 설명 - BA2115FVM

제조업체부품명데이터시트상세설명
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com