전자부품 데이터시트 검색엔진 |
|
BD12732FVJ 데이터시트(PDF) 5 Page - Rohm |
|
BD12732FVJ 데이터시트(HTML) 5 Page - Rohm |
5 / 54 page Datasheet www.rohm.com TSZ02201-0GMG0G200600-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 5/50 14.July.2016.Rev004 TSZ22111・15・001 BD12730G BD12732xxx BD12734xxx Electrical Characteristics – continued ○ BD12732xxx (Unless otherwise specified V+=+5V, GND=0V, TA=25°C) Parameter Symbol Limit Unit Conditions Min Typ Max Supply Current IDD - 580 900 µA RL=∞, +IN=2.5V All Op-Amps Input Offset Voltage(Note 14) VIO - 1 5 mV - Input Bias Current(Note 14) IB - 50 250 nA - Input Offset Current(Note 14) IIO - 5 100 nA - Large Signal Voltage Gain AV 60 85 - dB RL=2kΩ(Note 15) Common-mode Rejection Ratio CMRR 55 70 - dB - Power Supply Rejection Ratio PSRR 70 85 - dB - Maximum Output Voltage (High) VOH1 4.9 4.95 - V RL=20kΩ(Note 15) VOH2 4.75 4.85 - V RL=2kΩ(Note 15) Maximum Output Voltage (Low) VOL1 - 0.05 0.1 V RL=20kΩ(Note 15) VOL2 - 0.15 0.25 V RL=2kΩ(Note 15) Output Source Current ISOURCE - 12 - mA OUT=0V Output Sink Current ISINK - 5 - mA OUT=5V Input Common-mode Voltage Range VICM 0 - 5 V CMRR>55dB Gain Bandwidth GBW - 1 - MHz f=10kHz Unity Gain Frequency fT - 1 - MHz RL=2kΩ(Note 15) Phase Margin θ - 75 - deg RL=2kΩ(Note 15) Input Referred Noise Voltage VN - 10 - Hz nV/ f=1kHz - 1.2 - μVrms RS=100Ω, DIN-AUDIO Slew Rate SR - 0.4 - V/µS RL=2kΩ(Note 15) Channel Separation CS - 90 - dB f=1kHz, RL=2kΩ(Note 15) OUT=1.2Vrms (Note 14) Absolute value (Note 15) Output load resistance connect to a half of V+ |
유사한 부품 번호 - BD12732FVJ |
|
유사한 설명 - BD12732FVJ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |