전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE84106EL 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 TLE84106EL
상세설명  Hex-Half-Bridge Driver IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE84106EL 데이터시트(HTML) 3 Page - Infineon Technologies AG

  TLE84106EL Datasheet HTML 1Page - Infineon Technologies AG TLE84106EL Datasheet HTML 2Page - Infineon Technologies AG TLE84106EL Datasheet HTML 3Page - Infineon Technologies AG TLE84106EL Datasheet HTML 4Page - Infineon Technologies AG TLE84106EL Datasheet HTML 5Page - Infineon Technologies AG TLE84106EL Datasheet HTML 6Page - Infineon Technologies AG TLE84106EL Datasheet HTML 7Page - Infineon Technologies AG TLE84106EL Datasheet HTML 8Page - Infineon Technologies AG TLE84106EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PG-SSOP-24-4
Type
Package
Marking
TLE84106EL
PG-SSOP-24-4
TLE84106EL
Data Sheet
3
Rev. 1.0, 2010-04-27
Hex-Half-Bridge Driver IC
TLE84106EL
1Overview
Features
6 Half Bridge Power Outputs
3.3V / 5V compatible inputs with hysteresis
Independently Diagnosable Outputs
16-bit Standard SPI interface with daisy chain capability for control and
diagnosis
Open load diagnostics in ON-state for all outputs
All outputs with overload and short circuit protection and diagnosis
Overtemperature prewarning and protection
Over- and Undervoltage lockout
Cross-current protection
Thermally enhanced exposed pad package
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE84106EL is a protected Hex-Half-Bridge-Driver designed especially for automotive motion control applications
such as Heating, Ventilation and Air Conditioning (HVAC) flap DC motor control. It is part of the MonolythIC family in
Infineon’s Smart Power Technology SPT® which combines bipolar and CMOS control circuitry with DMOS power
devices.
The 6 half bridge drivers are designed to drive DC motor loads in sequential or parallel operation. Operation modes
forward (cw), reverse (ccw), brake and high impedance are controlled from a 16-bit SPI interface. The diagnosis features
such as short circuit, open load, power supply failure and overtemperature in combination with its low quiescent current
makes this device attractive for automotive applications. The extremely small fine pitch exposed pad PG-SSOP-24-4
package in a SO -14 body provides good thermal performance and reduces PCB-board space and costs.
Table 1
Product Summary
Operating Voltage
VS
7 ... 18 V
Logic Supply Voltage
VDD
3.0 ... 5.5 V
Maximum Supply Voltage for Load Dump
Protection
VS(LD)
40 V
Minimum Overcurrent Threshold
ISD1-6_MOTOR
0.8 A
Maximum On-State Path Resistance at Tj = 150°C RDSON(total)_HSx+LSy
2 + 2
Typical Quiescent Current at Tj = 85°C
IS (off))
1µA
Maximum SPI Access Frequency
fSCLK
5MHz


유사한 부품 번호 - TLE84106EL

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
More results

유사한 설명 - TLE84106EL

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NCV7718B ONSEMI-NCV7718B Datasheet
250Kb / 27P
   Hex Half-Bridge Driver
August, 2014 ??Rev. 0
NCV7718 ONSEMI-NCV7718 Datasheet
331Kb / 27P
   Hex Half-Bridge Driver
September, 2012 ??Rev. 0
NCV7718 ONSEMI-NCV7718_18 Datasheet
282Kb / 27P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 3
NCV7718B ONSEMI-NCV7718B_18 Datasheet
276Kb / 28P
   Hex Half-Bridge Driver
April, 2018 ??Rev. 2
NCV7728 ONSEMI-NCV7728 Datasheet
273Kb / 27P
   Hex Half-Bridge Driver
March, 2014 ??Rev. 1
NCV7728 ONSEMI-NCV7728_18 Datasheet
283Kb / 27P
   Hex Half-Bridge Driver
May, 2018 ??Rev. 6
NCV7723B ONSEMI-NCV7723B Datasheet
281Kb / 25P
   Hex Half-Bridge Driver
February, 2020 ??Rev. 1
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
Infineon Technologies A...
TLE6208-6 INFINEON-TLE6208-6 Datasheet
563Kb / 23P
   Hex-Half-Bridge / Double Six-Driver
2001-11-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com