전자부품 데이터시트 검색엔진 |
|
TLE6251D 데이터시트(PDF) 8 Page - Infineon Technologies AG |
|
TLE6251D 데이터시트(HTML) 8 Page - Infineon Technologies AG |
8 / 27 page TLE6251D Functional Description Data Sheet 8 Rev. 1.0, 2012-07-27 4.2 Modes of Operation Two different modes of operation are available on the TLE6251D. Each mode has specific characteristics in terms of quiescent current or data transmission. The digital input pin STB is used for the mode selection. Figure 4 illustrates the different mode changes depending on the status of the STB pin. After supplying V CC and VIO to the HS CAN transceiver, the TLE6251D starts in stand-by mode. The internal pull-up resistor at the STB pin sets the TLE6251D to stand-by mode by default. If the microcontroller is up and running, the TLE6251D can switch to any operating mode within the time period for mode change t MODE. Figure 4 Mode of operation The TLE6251D has 2 major modes of operation: • Stand-by mode • Normal-operating mode undervoltage detection on VCC and VIO power-down VCC < VCC(UV) start–up supply VCC and VIO VIO < VIO(UV) STB = 0 normal-operating mode STB = 1 stand-by mode STB = 0 STB = 1 Table 2 Modes of Operation Mode STB Bus Bias Comment Normal- operating mode “low” V CC/2 The transmitter is active. The normal mode receiver is active. The low-power receiver is disabled. Stand-by mode V CC on V IO on “high” GND The transmitter is disabled. The normal mode receiver is disabled. The low-power receiver is active. Stand-by mode V CC off V IO on “high” GND The transmitter is disabled. The normal mode receiver is disabled. The low-power receiver is active. Power-down state V CC off V IO off Don’t care Floating The transmitter is disabled. The normal mode receiver is disabled. The low-power receiver is disabled. |
유사한 부품 번호 - TLE6251D_12 |
|
유사한 설명 - TLE6251D_12 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |