전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CX4-EXT 데이터시트(PDF) 3 Page - IQD Frequency Products Ltd

부품명 CX4-EXT
상세설명  Quartz Crystal Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IQD [IQD Frequency Products Ltd]
홈페이지  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

CX4-EXT 데이터시트(HTML) 3 Page - IQD Frequency Products Ltd

  CX4-EXT Datasheet HTML 1Page - IQD Frequency Products Ltd CX4-EXT Datasheet HTML 2Page - IQD Frequency Products Ltd CX4-EXT Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CX4 EXT
Quartz Crystal Specification
Electrical Specification - maximum limiting values
Frequency
Min
Frequency
Max
Temperature Range
Stability
(Min)
Over Tone Order
ESR
°C
ppm
600.0kHz
1.4MHz
-10 to 70
Fundamental
600
-40 to 85
-55 to 125
1.8432MHz
2.5MHz
-10 to 70
3OT
1,000
-40 to 85
-55 to 125
*Stability Maximum values ±0ppm
This document was correct at the time of printing; please contact your local sales office for the latest version.
Click to view latest version on our website.
Printed on 25 Apr 16 11:37 using Model Data Sheet V1.2550
Page 3 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


유사한 부품 번호 - CX4-EXT

제조업체부품명데이터시트상세설명
logo
IQD Frequency Products ...
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
More results

유사한 설명 - CX4-EXT

제조업체부품명데이터시트상세설명
logo
IQD Frequency Products ...
HC49-2.5HSMX IQD-HC49-2.5HSMX Datasheet
624Kb / 2P
   Quartz Crystal Specification
HC49-3.5HSMX IQD-HC49-3.5HSMX Datasheet
682Kb / 2P
   Quartz Crystal Specification
CFPX-98 IQD-CFPX-98 Datasheet
307Kb / 2P
   Quartz Crystal Specification
CFPX-217 IQD-CFPX-217 Datasheet
209Kb / 2P
   Quartz Crystal Specification
CFPX-218-AUTO IQD-CFPX-218-AUTO Datasheet
188Kb / 2P
   Quartz Crystal Specification
CX4-AT IQD-CX4-AT Datasheet
123Kb / 2P
   Quartz Crystal Specification
4SMX IQD-4SMX Datasheet
250Kb / 2P
   Quartz Crystal Specification
91SMX IQD-91SMX Datasheet
146Kb / 2P
   Quartz Crystal Specification
CX1-AT IQD-CX1-AT Datasheet
162Kb / 3P
   Quartz Crystal Specification
HC49-4H IQD-HC49-4H Datasheet
486Kb / 3P
   Quartz Crystal Specification
IQXC-30 IQD-IQXC-30 Datasheet
654Kb / 2P
   Quartz Crystal Specification
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com