전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADS8324 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 ADS8324
상세설명  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADS8324 데이터시트(HTML) 4 Page - Texas Instruments

  ADS8324 Datasheet HTML 1Page - Texas Instruments ADS8324 Datasheet HTML 2Page - Texas Instruments ADS8324 Datasheet HTML 3Page - Texas Instruments ADS8324 Datasheet HTML 4Page - Texas Instruments ADS8324 Datasheet HTML 5Page - Texas Instruments ADS8324 Datasheet HTML 6Page - Texas Instruments ADS8324 Datasheet HTML 7Page - Texas Instruments ADS8324 Datasheet HTML 8Page - Texas Instruments ADS8324 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ADS8324
4
SBAS172A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VCC = 1.8V, VREF = 0.9V, fSAMPLE = 50kHz, fCLK = 24 • fSAMPLE, unless otherwise specified.
FREQUENCY SPECTRUM
(4096 point FFT, f
IN = 0.989kHz, –0.2dB)
0
–20
–40
–60
–80
–100
–120
–140
025
20
15
10
5
Frequency (kHz)
FREQUENCY SPECTRUM
(4096 point FFT, f
IN = 9.998kHz, –0.2dB)
0
–20
–40
–60
–80
–100
–120
–140
025
20
15
10
5
Frequency (kHz)
FREQUENCY SPECTRUM
(4096 point FFT, f
IN = 20.001kHz, –0.2dB)
0
–20
–40
–60
–80
–100
–120
–140
025
20
15
10
5
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE + DISTORTION)
vs INPUT FREQUENCY
90
85
80
75
70
65
60
1
100
10
SNR
SINAD
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND
TOTAL HARMONIC DISTORTION
vs INPUT FREQUENCY
100
95
90
85
80
75
70
65
60
–100
–95
–90
–85
–80
–75
–70
–65
–60
1
100
10
Frequency (kHz)
SFDR
THD(1)
NOTE: (1) First nine harmonics
of the input frequency.
COMMON-MODE REJECTION vs FREQUENCY
80
75
70
65
60
55
50
45
40
100
1M
10k
100k
1k
Frequency (kHz)
V
CM = 400mVp-p sinewave centered around VREF


유사한 부품 번호 - ADS8324

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADS8324 TI1-ADS8324 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E TI1-ADS8324E Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E/250 TI1-ADS8324E/250 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E/250G4 TI1-ADS8324E/250G4 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E/2K5 TI1-ADS8324E/2K5 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

유사한 설명 - ADS8324

제조업체부품명데이터시트상세설명
logo
Texas Instruments
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com