전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M9380A 데이터시트(PDF) 8 Page - Keysight Technologies

부품명 M9380A
상세설명  M9380A PXIe CW Source
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9380A 데이터시트(HTML) 8 Page - Keysight Technologies

Back Button M9380A Datasheet HTML 4Page - Keysight Technologies M9380A Datasheet HTML 5Page - Keysight Technologies M9380A Datasheet HTML 6Page - Keysight Technologies M9380A Datasheet HTML 7Page - Keysight Technologies M9380A Datasheet HTML 8Page - Keysight Technologies M9380A Datasheet HTML 9Page - Keysight Technologies M9380A Datasheet HTML 10Page - Keysight Technologies M9380A Datasheet HTML 11Page - Keysight Technologies M9380A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
08 | Keysight | M9380A PXIe CW Source 1 MHz to 3 GHz or 6 GHz - Data Sheett
Technical Specifications and Characteristics (continued)
Amplitude (continued)
Figure 4. Amplitude repeatability at various carrier frequencies. Repeatability measures the ability of the
instrument to return to a given power setting after a random excursion to any other frequency and power setting.
It should not be confused with absolute level accuracy.
Figure 5. Relative level accuracy at various carrier frequencies.
-0.05
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
0
20
40
60
80
100
120
Elapsed Time (minutes)
Amplitude Repeatability +10 dBm ALC On
850 MHz
1900 MHz
2200 MHz
3500 MHz
5800 MHz
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
-120
-100
-80
-60
-40
-20
0
20
Power Level (dBm)
Relative Level Accuracy
ALC On
0.85 GHz
1.8 GHz
2 GHz
2.2 GHz
3.5 GHz
5.8 GHz


유사한 부품 번호 - M9380A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A KEYSIGHT-M9380A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9380A KEYSIGHT-M9380A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9380A-1EA KEYSIGHT-M9380A-1EA Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9380A-300 KEYSIGHT-M9380A-300 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
More results

유사한 설명 - M9380A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9380A KEYSIGHT-M9380A_18 Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM_12 Datasheet
509Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
logo
Emcore Corporation
1782A EMCORE-1782A Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
1772-NM-40-02-FC-PM EMCORE-1772-NM-40-02-FC-PM Datasheet
700Kb / 6P
   DWDM High Power CW Source Laser
logo
Keysight Technologies
M924XA KEYSIGHT-M924XA Datasheet
3Mb / 21P
   InfiniiVision PXIe Modular Oscilloscopes
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9010A KEYSIGHT-M9010A Datasheet
2Mb / 13P
   M9010A PXIe Chassis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com