전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF1211R 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 BF1211R
상세설명  N-channel dual-gate MOS-FETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1211R 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button BF1211R Datasheet HTML 4Page - NXP Semiconductors BF1211R Datasheet HTML 5Page - NXP Semiconductors BF1211R Datasheet HTML 6Page - NXP Semiconductors BF1211R Datasheet HTML 7Page - NXP Semiconductors BF1211R Datasheet HTML 8Page - NXP Semiconductors BF1211R Datasheet HTML 9Page - NXP Semiconductors BF1211R Datasheet HTML 10Page - NXP Semiconductors BF1211R Datasheet HTML 11Page - NXP Semiconductors BF1211R Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
2003 Dec 16
8
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1211; BF1211R; BF1211WR
handbook, halfpage
024
6
50
0
40
30
20
10
MDB837
IG1
(
µA)
VG2-S (V)
(1)
(2)
(3)
(4)
(5)
Fig.13 Gate 1 current as a function of gate 2
voltage; typical values.
VDS = 5 V; Tj =25 °C; RG1 =75kΩ (connected to VGG); see Fig.21.
(1) VGG =5V.
(2) VGG = 4.5 V.
(3) VGG =4V.
(4) VGG = 3.5 V.
(5) VGG =3V.
handbook, halfpage
012
4
0
−60
−40
−20
3
MDB838
−10
−50
−30
gain
reduction
(dB)
VAGC (V)
Fig.14 Typical gain reduction as a function of AGC
voltage.
VDS = 5 V; VGG = 5 V; RG1 =75kΩ (connected to VGG);
see Fig.21; f = 50 MHz; Tamb =25 °C.
handbook, halfpage
010
50
120
110
90
80
100
20
30
40
MDB839
Vunw
(dB
µV)
gain reduction (dB)
Fig.15 Unwanted voltage for 1% cross-modulation
as a function of gain reduction; typical
values.
VDS = 5 V; VGG = 5 V; RG1 =75kΩ (connected to VGG);
see Fig.21; f = 50 MHz; funw = 60 MHz; Tamb =25 °C.
handbook, halfpage
050
20
0
4
8
12
16
10
20
30
40
MDB840
ID
(mA)
gain reduction (dB)
Fig.16 Drain current as a function of gain
reduction; typical values.
VDS = 5 V; VGG = 5 V; RG1 =75kΩ (connected to VGG);
see Fig.21; f = 50 MHz; Tamb =25 °C.


유사한 부품 번호 - BF1211R

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BF1211R NXP-BF1211R Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

유사한 설명 - BF1211R

제조업체부품명데이터시트상세설명
logo
Quanzhou Jinmei Electro...
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1211_2015 JMNIC-BF1211_2015 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904_07 Datasheet
309Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com