전자부품 데이터시트 검색엔진 |
|
SMAJ15A 데이터시트(PDF) 1 Page - Dongguan City Niuhang Electronics Co.LTD |
|
SMAJ15A 데이터시트(HTML) 1 Page - Dongguan City Niuhang Electronics Co.LTD |
1 / 6 page Date:2014/10/20 http://www.dgniuhang.com TRANSIENT VOLTAGE SUPPRESSOR DIODES Page: 1 of 6 Rev.:AA DO-214AC(SMA) VOLTAGE Unit:(mm) FEATURES DESCRIPTION Production Data Sheet Niu Hang Electronic Co. Ltd 0.181(4.60) 0.157(4.00) 0.060(1.52) 0.030(0.76) 0.008(0.203) 0.002(0.051) 0.208(5.28) 0.188(4.80) 0 012(0 305) 0 006(0.152) SMAJ5.0A/CA THRU SMAJ300A/CA • Fast response time • Low incremental surge resistance • Matte tin lead–free Plated • RoHS compliant • Typical IR less than 1µA above 12V • Compatible with industrial standard package DO-214AC • For surface mounted applications to optimize board space • ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2) • EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4) • 400W peak pulsepower capability at 10/1000μs waveform,repetition rate (duty cycle): 0.01% • High temperature soldering : 260°C/ 40 seconds at terminals ELECTRICAL CHARACTERISTICS Rating Symbol Value Units Peak Pulse Power Dissipation at TA=25ºC by 10/1000µs Waveform (Fig.2)(Note 1), (Note 2) P PPM 400 Watts Power Dissipation on Infinite Heat Sink at TA=50°C P D 3.3 Watts Peak Forward Surge Current, 8.3ms Single Half Sine Wave (Note 3) IFSM 40 Amps Maximum Instantaneous Forward Voltage at 25A for Unidirectional Only (Note 4) V F 3.5/6.5 V Operating junction and Storage Temperature Range. T J,TSTG -55°C to 150°C °C Typical Thermal Resistance Junction to Lead R uJL 30 °C/W Typical Thermal Resistance Junction to Ambient R uJA 120 °C/W Notes: 1. Non-repetitive current pulse, per Fig.4 and derated above TA=25ºC per Fig. 3. 2. Mounted on 5.0x5.0mm copper pad to each terminal. 3. Measured on 8.3ms single half sine wave or equivalent square wave for unidirectional device only. 4. VF< 3.5V for VBR ≤ 200V and VF< 6.5V for VBR ≥ 201V The SMAJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. UNI BI UNI BI Anode Cathode 5 THRU 300 Volt POWER DISSIPATION 400Watts |
유사한 부품 번호 - SMAJ15A |
|
유사한 설명 - SMAJ15A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |