전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ17A 데이터시트(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD

부품명 SMAJ17A
상세설명  TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
홈페이지  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SMAJ17A 데이터시트(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD

  SMAJ17A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SMAJ17A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SMAJ17A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SMAJ17A Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SMAJ17A Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD SMAJ17A Datasheet HTML 6Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Date:2014/10/20
http://www.dgniuhang.com
TRANSIENT VOLTAGE SUPPRESSOR DIODES
Page: 2 of 6
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
SMAJ5.0A/CA THRU SMAJ300A/CA
Type Number
Marking Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage@IT
Test
Current
Maximum
Clamping
Voltage@IPP
Peak Pulse
Current
Reverse
Leakage
@VR
UNI
BI
UNI
BI
VR(V)
VBR MIN.(V)
(V)
IT(mA)
VC(V)
IPP(A)
IR(µA)
SMAJ5.0A SMAJ5.0CA
HE
TE
5.0
6.40
7.25
10
9.2
43.5
800
SMAJ6.0A SMAJ6.0CA
HG
TG
6.0
6.67
7.67
10
10.3
38.8
800
SMAJ6.5A SMAJ6.5CA
HK
TK
6.5
7.22
8.30
10
11.2
35.7
500
SMAJ7.0A SMAJ7.0CA
HM
TM
7.0
7.78
8.95
10
12.0
33.3
200
SMAJ7.5A SMAJ7.5CA
HP
TP
7.5
8.33
9.58
1
12.9
31.0
100
SMAJ8.0A SMAJ8.0CA
HR
TR
8.0
8.89
10.23
1
13.6
29.4
50
SMAJ8.5A SMAJ8.5CA
HT
TT
8.5
9.44
10.82
1
14.4
27.7
20
SMAJ9.0A SMAJ9.0CA
HV
TV
9.0
10.00
11.50
1
15.4
26.0
10
SMAJ10A
SMAJ10CA
HX
TX
10.0
11.10
12.80
1
17.0
23.5
5
SMAJ11A
SMAJ11CA
HZ
TZ
11.0
12.20
14.00
1
18.2
22.0
1
SMAJ12A
SMAJ12CA
IE
UE
12.0
13.30
15.30
1
19.9
20.1
1
SMAJ13A
SMAJ13CA
IG
UG
13.0
14.40
16.50
1
21.5
18.6
1
SMAJ14A
SMAJ14CA
IK
UK
14.0
15.60
17.90
1
23.2
17.2
1
SMAJ15A
SMAJ15CA
IM
UM
15.0
16.70
19.20
1
24.4
16.4
1
SMAJ16A
SMAJ16CA
IP
UP
16.0
17.80
20.50
1
26.0
15.3
1
SMAJ17A
SMAJ17CA
IR
UR
17.0
18.90
21.70
1
27.6
14.5
1
SMAJ18A
SMAJ18CA
IT
UT
18.0
20.00
23.30
1
29.2
13.7
1
SMAJ20A
SMAJ20CA
IV
UV
20.0
22.20
25.50
1
32.4
12.3
1
SMAJ22A
SMAJ22CA
IX
UX
22.0
24.40
28.00
1
35.5
11.2
1
SMAJ24A
SMAJ24CA
IZ
UZ
24.0
26.70
30.70
1
38.9
10.3
1
SMAJ26A
SMAJ26CA
JE
VE
26.0
28.90
33.20
1
42.1
9.5
1
SMAJ28A
SMAJ28CA
JG
VG
28.0
31.10
35.80
1
45.4
8.8
1
SMAJ30A
SMAJ30CA
JK
VK
30.0
33.30
38.30
1
48.4
8.3
1
SMAJ33A
SMAJ33CA
JM
VM
33.0
36.70
42.20
1
53.3
7.5
1
SMAJ36A
SMAJ36CA
JP
VP
36.0
40.00
46.00
1
58.1
6.9
1
SMAJ40A
SMAJ40CA
JR
VR
40.0
44.40
51.10
1
64.5
6.2
1
SMAJ43A
SMAJ43CA
JT
VT
43.0
47.80
54.90
1
69.4
5.7
1
SMAJ45A
SMAJ45CA
JV
VV
45.0
50.00
57.50
1
72.7
5.5
1
SMAJ48A
SMAJ48CA
JX
VX
48.0
53.30
61.30
1
77.4
5.2
1
SMAJ51A
SMAJ51CA
JZ
VZ
51.0
56.70
65.20
1
82.4
4.9
1
SMAJ54A
SMAJ54CA
RE
WE
54.0
60.00
69.00
1
87.1
4.6
1
SMAJ58A
SMAJ58CA
RG
WG
58.0
64.40
74.10
1
93.6
4.3
1
SMAJ60A
SMAJ60CA
RK
WK
60.0
66.70
76.70
1
96.8
4.1
1
SMAJ64A
SMAJ64CA
RM
WM
64.0
71.10
81.80
1
103.0
3.9
1
SMAJ70A
SMAJ70CA
RP
WP
70.0
77.80
89.50
1
113.0
3.5
1
SMAJ75A
SMAJ75CA
RR
WR
75.0
83.30
95.80
1
121.0
3.3
1
SMAJ78A
SMAJ78CA
RT
WT
78.0
86.70
99.70
1
126.0
3.2
1
SMAJ85A
SMAJ85CA
RV
WV
85.0
94.40
108.20
1
137.0
2.9
1
SMAJ90A
SMAJ90CA
RX
WX
90.0
100.00
115.50
1
146.0
2.7
1
SMAJ100A SMAJ100CA
RZ
WZ
100.0
111.00
128.00
1
162.0
2.5
1
SMAJ110A SMAJ110CA
SE
XE
110.0
122.00
140.50
1
177.0
2.3
1
SMAJ120A SMAJ120CA
SG
XG
120.0
133.00
153.00
1
193.0
2.0
1
SMAJ130A SMAJ130CA
SK
XK
130.0
144.00
165.50
1
209.0
1.9
1
SMAJ150A SMAJ150CA
SM
XM
150.0
167.00
192.60
1
243.0
1.6
1
SMAJ160A SMAJ160CA
SP
XP
160.0
178.00
205.00
1
259.0
1.5
1
SMAJ170A SMAJ170CA
SR
XR
170.0
189.00
217.50
1
275.0
1.4
1
SMAJ180A SMAJ180CA
ST
XT
180.0
198.00
230.40
1
292.0
1.3
1
SMAJ190A SMAJ190CA
SV
XV
190.0
209.00
243.20
1
308.0
1.3
1
SMAJ200A SMAJ200CA
SX
XX
200.0
220.00
256.00
1
324.0
1.2
1
SMAJ210A SMAJ210CA
SZ
XZ
210.0
231.00
268.80
1
340.0
1.2
1
SMAJ220A SMAJ220CA
ZE
YE
220.0
242.00
281.60
1
356.0
1.1
1
SMAJ250A SMAJ250CA
ZG
YG
250.0
279.00
309.00
1
405.0
1.0
1
SMAJ300A SMAJ300CA
ZK
YK
300.0
335.00
371.00
1
486.0
0.8
1
Notes: For bidirectional type having VRWM of 10V and less, the IR limit is double.


유사한 부품 번호 - SMAJ17A

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ17A JGD-SMAJ17A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Cystech Electonics Corp...
SMAJ17A CYSTEKEC-SMAJ17A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
logo
Littelfuse
SMAJ17A LITTELFUSE-SMAJ17A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Yangzhou yangjie electr...
SMAJ17A YANGJIE-SMAJ17A Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Shanghai Leiditech Elec...
SMAJ17A LEIDITECH-SMAJ17A Datasheet
1Mb / 7P
   SMAJ Series 400W Transient Voltage Suppressor
Rev : 01.06.2014
More results

유사한 설명 - SMAJ17A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com