전자부품 데이터시트 검색엔진 |
|
DG189 데이터시트(PDF) 3 Page - Vishay Siliconix |
|
DG189 데이터시트(HTML) 3 Page - Vishay Siliconix |
3 / 9 page DG189/190/191 Vishay Siliconix Document Number: 70034 S-51140—Rev. D, 20-Jun-05 www.vishay.com 3 SPECIFICATIONSa FOR DG189 Test Conditions Unless Specified A Suffix −55 to 125_C B Suffix −25 to 85_C Parameter Symbol V+ = 15 V, V− = −15 V, VL = 5 V VR = 0 V, VIN = 0.8 V or 2 Vf Tempb Typc Mind Maxd Mind Maxd Unit Analog Switch Analog Signal Rangee VANALOG Full −7.5 15 −7.5 15 V Drain-Source On-Resistance rDS(on) IS = −10 mA, VD = −7.5 V Room Full 7.5 10 20 15 25 W Source Off IS( ff) VS = "10 V, VD = #10 V V+ = 10 V, V− = −20 V Room Hot 0.05 10 1000 15 300 Source Off Leakage Current IS(off) VS = "7.5 V, VD = #7.5 V Room Hot 0.05 10 1000 15 300 Drain Off ID( ff) VS = "10 V, VD = #10 V V+ = 10 V, V− = −20 V Room Hot 0.04 10 1000 15 300 nA Drain Off Leakage Current ID(off) VS = "7.5 V, VD = #7.5 V Room Hot 0.03 10 1000 15 300 Channel On Leakage Current ID(on) VD = VS = "7.5 V Room Hot −0.1 −2 −200 −10 −200 Saturation Drain Current IDSS 2 ms Pulse Duration Room 300 mA Digital Input Input Current with Input Voltage High IINH VIN = 5 V Room Hot <0.01 10 20 10 20 mA Input Current with Input Voltage Low IINL VIN = 0 V Full −30 −250 −250 mA Dynamic Characteristics Turn-On Time ton See Switching Time Test Circuit Room 240 400 425 ns Turn-Off Time toff See Switching Time Test Circuit Room 140 200 225 ns Source-Off Capacitance CS(off) VS = −5 V, ID = 0 Room 21 Drain-Off Capacitance CD(off) f = 1 MHz VD = −5 V, IS = 0 Room 17 pF Channel-On Capacitance CD(on) VD = VS = 0 V Room 17 Off Isolation OIRR f = 1 MHz, RL = 75 W Room >55 dB Power Supplies Positive Supply Current I+ Room 0.6 1.5 1.5 Negative Supply Current I− VIN = 0 V or 5 V Room −2.7 −5 −5 mA Logic Supply Current IL VIN = 0 V, or 5 V Room 3.1 4.5 4.5 mA Reference Supply Current IR Room −1 −2 −2 Notes: a. Refer to PROCESS OPTION FLOWCHART. b. Room = 25_C, Full = as determined by the operating temperature suffix. c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function. |
유사한 부품 번호 - DG189 |
|
유사한 설명 - DG189 |