전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLE9261-3QXV33 데이터시트(PDF) 6 Page - Infineon Technologies AG

부품명 TLE9261-3QXV33
상세설명  Mid-Range System Basis Chip Family
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9261-3QXV33 데이터시트(HTML) 6 Page - Infineon Technologies AG

Back Button TLE9261-3QXV33 Datasheet HTML 2Page - Infineon Technologies AG TLE9261-3QXV33 Datasheet HTML 3Page - Infineon Technologies AG TLE9261-3QXV33 Datasheet HTML 4Page - Infineon Technologies AG TLE9261-3QXV33 Datasheet HTML 5Page - Infineon Technologies AG TLE9261-3QXV33 Datasheet HTML 6Page - Infineon Technologies AG TLE9261-3QXV33 Datasheet HTML 7Page - Infineon Technologies AG TLE9261-3QXV33 Datasheet HTML 8Page - Infineon Technologies AG TLE9261-3QXV33 Datasheet HTML 9Page - Infineon Technologies AG TLE9261-3QXV33 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 186 page
background image
PG-VQFN-48-31
Type
Package
Marking
TLE9261-3QXV33
PG-VQFN-48-31
TLE9261-3QXV33
Data Sheet
6
Rev. 1.1, 2014-10-23
Mid-Range System Basis Chip Family
TLE9261-3QXV33
1Overview
Scalable System Basis Chip Family
Product family with various products for complete scalable application
coverage.
Dedicated Data Sheets are available for the different product variants
Complete compatibility (hardware and software) across the family
TLE9263 with 2 LIN transceivers, 3 voltage regulators
TLE9262 with 1 LIN transceiver, 3 voltage regulators
TLE9261 without LIN transceivers, 3 voltage regulators
TLE9260 without LIN transceivers, 2 voltage regulators
Product variants for 5V (TLE926xQX) and 3.3V (TLE926xQXV33) output voltage for main voltage regulator
CAN Partial Networking variants for 5V (TLE926x-3QX) and 3.3V (TLE926x-3QXV33) output voltage
Device Description
The TLE9261-3QXV33 is a monolithic integrated circuit in an exposed pad VQFN-48 (7mm x 7mm) power
package with Lead Tip Inspection (LTI) feature to support Automatic Optical Inspection (AOI).
The device is designed for various CAN automotive applications as main supply for the microcontroller and as
interface for a CAN bus network including the CAN Partial Networking feature.
To support these applications, the System Basis Chip (SBC) provides the main functions, such as a 3.3V low-
dropout voltage regulator (LDO) for e.g. a microcontroller supply, another 5V low-dropout voltage regulator with
off-board protection for e.g. sensor supply, another 3.3V/1.8V regulator to drive an external PNP transistor, which
can be used as an independent supply for off-board usage or in load sharing configuration with the main regulator
VCC1, a HS-CAN transceiver supporting CAN FD and CAN Partial Networking (incl. FD tolerant mode) for data
transmission, high-side switches with embedded protective functions and a 16-bit Serial Peripheral Interface (SPI)
to control and monitor the device. Also implemented are a configurable timeout / window watchdog circuit with a
reset feature, three Fail Outputs and an under voltage reset feature.
The device offers low-power modes in order to minimize current consumption on applications that are connected
permanently to the battery. A wake-up from the low-power mode is possible via a message on the buses, via the
bi-level sensitive monitoring/wake-up inputs as well as via cyclic wake.
The device is designed to withstand the severe conditions of automotive applications.


유사한 부품 번호 - TLE9261-3QXV33

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
   Dedicated Data Sheets are available for the different product variants
More results

유사한 설명 - TLE9261-3QXV33

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
TLE9263BQX INFINEON-TLE9263BQX Datasheet
5Mb / 175P
   System Basis Chip Mid-Range System Basis Chip Family
Rev. 1.1 2019-09-27
TLE9261-3BQX INFINEON-TLE9261-3BQX Datasheet
6Mb / 200P
   Mid-Range System Basis Chip Family
Rev. 1.1 2019-09-27
TLE9260-3QXV33 INFINEON-TLE9260-3QXV33 Datasheet
6Mb / 174P
   Mid-Range System Basis Chip Family
Rev. 1.1, 2014-10-23
TLE9273QX INFINEON-TLE9273QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9271QX INFINEON-TLE9271QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9273QXV33 INFINEON-TLE9273QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9271QXV33 INFINEON-TLE9271QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9272QXV33 INFINEON-TLE9272QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9274QX INFINEON-TLE9274QX Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
TLE9274QXV33 INFINEON-TLE9274QXV33 Datasheet
4Mb / 126P
   High-End System Basis Chip Family
Rev. 1.5 2019-09-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com