전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E167FNR2G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC10E167FNR2G
상세설명  5V ECL 6?륛it 2:1 MUX?륱egiste
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E167FNR2G 데이터시트(HTML) 1 Page - ON Semiconductor

  MC10E167FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E167FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E167FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E167FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E167FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E167FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E167FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E167FNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 9
1
Publication Order Number:
MC10E167/D
MC10E167
5 V ECL 6‐Bit 2:1
MUX‐Register
Description
The MC10E167 contains six 2:1 multiplexers followed by D
flip-flops with single-ended outputs. Input data are selected by the
Select control, SEL. The selected data are transferred to the flip-flop
outputs by a positive edge on CLK1 or CLK2 (or both). A HIGH on
the Master Reset (MR) pin asynchronously forces all Q outputs LOW.
The 100 Series contains temperature compensation.
Features
1000 MHz Min. Operating Frequency
800 ps Max. Clock to Output
Single-Ended Outputs
Asynchronous Master Resets
Dual Clocks
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
> 2 kV Human Body Model
> 200 V Machine Model
> 2 kV Charged Device Model
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity: Level 3 (Pb-Free)
(For Additional Information, see Application Note AND8003/D)
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 323 Devices
This Device is Pb-Free, Halogen Free and is RoHS Compliant
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776
MC10E167FNG
AWLYYWW
1
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
ORDERING INFORMATION
Device
Package
Shipping
MC10E167FNR2G
PLCC−8
(Pb-Free)
37 Units/Tube


유사한 부품 번호 - MC10E167FNR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E167FNR2G ONSEMI-MC10E167FNR2G Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
More results

유사한 설명 - MC10E167FNR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E155 ONSEMI-MC10E155_06 Datasheet
126Kb / 8P
   5V ECL 6?묪it 2:1 Mux?묹atch
November, 2006 ??Rev. 8
MC10E167 ONSEMI-MC10E167_06 Datasheet
128Kb / 8P
   5V ECL 6-Bit 2:1 MUX-Register
November, 2006 ??Rev. 8
MC10E154 ONSEMI-MC10E154_06 Datasheet
127Kb / 8P
   5V ECL 5-Bit 2:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
MC10E431 ONSEMI-MC10E431_16 Datasheet
168Kb / 9P
   5V ECL 3?륛it Differential Flip?륡lop
July, 2016 ??Rev. 11
MC10E156 ONSEMI-MC10E156_06 Datasheet
126Kb / 8P
   5V ECL 3-Bit 4:1 Mux-Latch
November, 2006 ??Rev. 8
MC10E151 ONSEMI-MC10E151_16 Datasheet
155Kb / 7P
   5V ECL 6?륛it D Register
July, 2016 ??Rev. 10
logo
Micrel Semiconductor
SY100EP15V MICREL-SY100EP15V Datasheet
104Kb / 8P
   3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com