전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E404FNR2G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC10E404FNR2G
상세설명  5V ECL Quad Differential AND/NAND
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E404FNR2G 데이터시트(HTML) 2 Page - ON Semiconductor

  MC10E404FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E404FNR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MC10E404, MC100E404
www.onsemi.com
2
25
24
23
22
21
20
19
18
17
16
15
14
13
12
567
89
10
11
26
27
28
2
3
4
D3aD3a D3bD3b VCCO Q3
Q3
Q2
Q2
VCC
Q1
Q1
Q0
Q0
D1a D1aD0b
D2b
D2b
D2a
VEE
D2a
D1b
D1b
D0bD0a D0aVCCO
1
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
Figure 1. 28-Lead Pinout Assignment
D0a
D0a
D0b
D0b
D1a
D1a
D1b
D1b
D2a
D2a
D2b
D2b
D3a
D3a
D3b
D3b
Q0
Q0
Q1
Q1
Q2
Q2
Q3
Q3
Figure 2. Logic Diagram
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Table 1. PIN DESCRIPTION
PIN
FUNCTION
D[0:4], D[0:4]
ECL Differential Data Inputs
Q[0:4], Q[0:4]
ECL Differential Data Outputs
VCC, VCCO
Positive Supply
VEE
Negative Supply
Table 2. One-Column Numbered Table
Da
Db
Q
Da
Db
Q
L
L
L
L
L
L
L
HL
L
HH
H
LL
H
LH
H
H
H
H
H
H


유사한 부품 번호 - MC10E404FNR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E404FNR2G ONSEMI-MC10E404FNR2G Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
More results

유사한 설명 - MC10E404FNR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC10E404 ONSEMI-MC10E404_06 Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC10EL04 ONSEMI-MC10EL04_16 Datasheet
158Kb / 7P
   5V ECL 2?륤nput AND/NAND
July, 2016 ??Rev. 7
MC10EL04 ONSEMI-MC10EL04_06 Datasheet
126Kb / 8P
   5V ECL 2-Input AND/NAND
November, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10E404 MICREL-SY10E404 Datasheet
60Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com