전자부품 데이터시트 검색엔진 |
|
SMT40C-12SADJJ 데이터시트(PDF) 3 Page - Artesyn Technologies |
|
SMT40C-12SADJJ 데이터시트(HTML) 3 Page - Artesyn Technologies |
3 / 4 page Rev.06.25.07 smt40c 3 of 4 Embedded Power for Business-Critical Continuity All specifications are typical at nominal input, full load at 25 °C unless otherwise stated. Specifications Notes 1 Measured as per recommended set-up. 2 x Cin = 270 μF (20 mW ESR max, 3 x Cout = 680 μF (10 mW ESR max). 2 di/dt = 10 A/μs, Vin = Nom, Tc = 25 °C, load change = 0.50 lo max. to 0.75 lo max. and 0.75 lo max. to 0.50 lo max. 3 External input fusing is recommended. 4 Measured with external filter. See Application Note 170 for details. 5 Uses external resistor from trim pin to output ground. See Application Note 170 for details. 6 Signal line assumed <3 m in length. 7 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product. 8 Power-up is the time from application of dc input to Power Good enabled. Remote ON/OFF is from ON/OFF asserted high to power good enabled. 9 See Application Note 170 for operation above 50 °C. 10 See Application Note 170 for ripple current requirements. 11 These models have a wide trim output. The unit has an output of 0.9Vdc to 5 Vdc. An external resistor adjusts the output voltage. 12 For redundant current sharing applications that use ORing diodes to separate the outputs, please add the suffix ‘-S’ to the part number, e.g. SMT40C- 12SADJ-SJ. Please refer to Application Note 170 for further details. 13 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on special request, please contact your local sales representative for details. 14 NOTICE: Some models do not support all options. Please contact your local Artesyn representative or use the on-line model number search tool at http://www.artesyn.com/powergroup/products.htm to find a suitable alternative. OUTPUT INPUT OVP OUTPUT OUTPUT OUTPUT EFFICIENCY REGULATION MODEL POWER VOLTAGE VOLTAGE (11) CURRENT CURRENT LINE LOAD NUMBER (13,14) (MAX.) (MIN.) (MAX.) 200 W 10.2-13.8 Vdc N/A 0.9-5.0 Vdc 0 A 40 A 92% ±0.2% ±1.5% SMT40C-12SADJJ SMT40C -12S AD J -SJ Part Number System with Options Rated Output Current 40 = 40Amps Number of Outputs SADJ = Single Adjustable Output Product Family SMT = Surface Mount Performance C = Cost Optimized Input Voltage 12 = 10.2 Vdc to 13.8 Vdc The ultra-wide output voltage trim range offers major advantages to users who select the SMT40C series. It is no longer necessary to purchase a variety of modules in order to cover different output voltages. The output voltage can be trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SMT40C series converter leaves the factory the output has been adjusted to the default voltage of 0.9 V. Output Voltage Adjustment of the SMT40C Series Current Sharing (12) No Suffix = Non-isolated Suffix ‘-S’ = Isolated Packaging Options(13) J = Pb-free (RoHS 6/6 compliant) |
유사한 부품 번호 - SMT40C-12SADJJ_07 |
|
유사한 설명 - SMT40C-12SADJJ_07 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |