전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10ELT24 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC10ELT24
상세설명  5V TTL to Differential ECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT24 데이터시트(HTML) 1 Page - ON Semiconductor

  MC10ELT24 Datasheet HTML 1Page - ON Semiconductor MC10ELT24 Datasheet HTML 2Page - ON Semiconductor MC10ELT24 Datasheet HTML 3Page - ON Semiconductor MC10ELT24 Datasheet HTML 4Page - ON Semiconductor MC10ELT24 Datasheet HTML 5Page - ON Semiconductor MC10ELT24 Datasheet HTML 6Page - ON Semiconductor MC10ELT24 Datasheet HTML 7Page - ON Semiconductor MC10ELT24 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
August, 2015 − Rev. 11
1
Publication Order Number:
MC10ELT24/D
MC10ELT24, MC100ELT24
5V TTL to Differential
ECL Translator
Description
The MC10ELT/100ELT24 is a TTL to differential ECL translator.
Because ECL levels are used a +5 V, −5.2 V (or −4.5 V) and ground
are required. The small outline 8−lead package and the single gate of
the ELT24 makes it ideal for those applications where space,
performance and low power are at a premium.
The 100 Series contains temperature compensation.
Features
0.8 ns tPHL, 0.95 ns tPLH Typical Propagation Delay
PNP TTL Inputs for Minimal Loading
Flow Through Pinouts
Operating Range: VCC = 4.5 V to 5.5 V; VEE = −4.2 V to −5.5 V with
GND = 0 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
H
= MC10
K
= MC100
5E
= MC10
2T
= MC100
M
= Date Code
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
ALYW
G
G
HT24
ALYW
G
G
KT24
1
8
1
8
1
8
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
8
HLT24
ALYW
G
1
8
KLT24
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14
(Note: Microdot may be in either location)


유사한 부품 번호 - MC10ELT24

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24D ONSEMI-MC10ELT24D Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT24D ONSEMI-MC10ELT24D Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24DG ONSEMI-MC10ELT24DG Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
More results

유사한 설명 - MC10ELT24

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC10ELT20 ONSEMI-MC10ELT20_15 Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC10ELT20 ONSEMI-MC10ELT20 Datasheet
129Kb / 8P
   5VTTL to Differential PECL Translator
December, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com