전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10ELT21DTR2G 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC10ELT21DTR2G
상세설명  5 V Differential PECL to TTL Translator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT21DTR2G 데이터시트(HTML) 3 Page - ON Semiconductor

  MC10ELT21DTR2G Datasheet HTML 1Page - ON Semiconductor MC10ELT21DTR2G Datasheet HTML 2Page - ON Semiconductor MC10ELT21DTR2G Datasheet HTML 3Page - ON Semiconductor MC10ELT21DTR2G Datasheet HTML 4Page - ON Semiconductor MC10ELT21DTR2G Datasheet HTML 5Page - ON Semiconductor MC10ELT21DTR2G Datasheet HTML 6Page - ON Semiconductor MC10ELT21DTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC10ELT21, MC100ELT21
www.onsemi.com
3
Table 4. 10ELT SERIES PECL INPUT DC CHARACTERISTICS VCC = 5.0 V; GND = 0.0 V (Note 2)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VIH
Input HIGH Voltage (Single−Ended)
3770
4110
3870
4190
3930
4265
mV
VIL
Input LOW Voltage (Single−Ended)
3050
3500
3050
3520
3050
3555
mV
VBB
Output Voltage Reference
3.57
3.7
3.65
3.75
3.69
3.81
V
VIHCMR
Input HIGH Voltage Common Mode Range
(Differential Configuration) (Note 3)
2.2
5.0
2.2
5.0
2.2
5.0
V
IIH
Input HIGH Current
255
175
175
mA
IIL
Input LOW Current
0.5
0.5
0.3
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
2. Output parameters vary 1:1 with VCC. VCC can vary ± 0.25 V.
3. VIHCMR min varies 1:1 with GND, VIHCMR max varies 1:1 with VCC.
Table 5. 100ELT SERIES PECL INPUT DC CHARACTERISTICS VCC = 5.0 V; GND = 0.0 V (Note 4)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VIH
Input HIGH Voltage (Single−Ended)
3835
4120
3835
4120
3835
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3190
3525
3190
3525
3190
3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.745
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration) (Note 5)
2.2
5.0
2.2
5.0
2.2
5.0
V
IIH
Input HIGH Current
255
175
175
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
4. Input parameters vary 1:1 with VCC. VCC can vary ± 0.25 V.
5. VIHCMR min varies 1:1 with GND, VIHCMR max varies 1:1 with VCC.
Table 6. TTL OUTPUT DC CHARACTERISTICS VCC = 4.75 V to 5.25 V; TA = −40°C to 85°C)
Symbol
Characteristic
Condition
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = −3.0 mA
2.4
(Note 6)
V
VOL
Output LOW Voltage
IOL = 24 mA
0.5
V
ICCH
Power Supply Current
20
29
mA
ICCL
Power Supply Current
22
32
mA
IOS
Output Short Circuit Current
−150
−60
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
6. Maximum level is VCC − 0.7 by design.


유사한 부품 번호 - MC10ELT21DTR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10ELT21DTR2G ONSEMI-MC10ELT21DTR2G Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
More results

유사한 설명 - MC10ELT21DTR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_2 Datasheet
454Kb / 12P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com