전자부품 데이터시트 검색엔진 |
|
MC10EP89DG 데이터시트(PDF) 5 Page - ON Semiconductor |
|
MC10EP89DG 데이터시트(HTML) 5 Page - ON Semiconductor |
5 / 11 page MC10EP89 http://onsemi.com 5 Table 6. DC CHARACTERISTICS, NECL VCC = 0 V, VEE = -3.3 V (Note 8) -40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 24 30 36 26 34 40 30 36 42 mA VOH Output HIGH Voltage (Note 9) -1170 -1145 -895 -1120 -964 -845 -1100 -900 -825 mV VOL Output LOW Voltage (Note 9) -2800 -2516 -2200 -2820 -2514 -2220 -2860 -2478 -2240 mV VIH Input HIGH Voltage (Single-Ended) -1230 -890 -1130 -810 -1060 -720 mV VIL Input LOW Voltage (Single-Ended) -1950 -1500 -1950 -1480 -1950 -1445 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 10) -1.3 0.0 -1.3 0.0 -1.3 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to -0.3 V. 9. All loading with 50 W to VCC - 3.0 V. 10. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Table 7. DC CHARACTERISTICS, NECL VCC = 0V, VEE = -5.2 (Note 11) -40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 27 34 41 30 37 44 33 40 47 mA VOH Output HIGH Voltage (Note 12) -1170 -1045 -895 -1120 -964 -845 -1100 -900 -825 mV VOL Output LOW Voltage (Note 12) -3100 -2795 -2500 -3150 -2835 -2550 -3150 -2824 -2550 mV VIH Input HIGH Voltage (Single-Ended) -1230 -890 -1130 -810 -1060 -720 mV VIL Input LOW Voltage (Single-Ended) -1950 -1500 -1950 -1480 -1950 -1445 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 13) -3.2 0.0 -3.2 0.0 -3.2 0.0 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.7 V to -0.3 V. 12. All loading with 50 W to VCC - 3.0 V. 13. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
유사한 부품 번호 - MC10EP89DG |
|
유사한 설명 - MC10EP89DG |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |