전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP446FAG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC100EP446FAG
상세설명  8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP446FAG 데이터시트(HTML) 4 Page - ON Semiconductor

  MC100EP446FAG Datasheet HTML 1Page - ON Semiconductor MC100EP446FAG Datasheet HTML 2Page - ON Semiconductor MC100EP446FAG Datasheet HTML 3Page - ON Semiconductor MC100EP446FAG Datasheet HTML 4Page - ON Semiconductor MC100EP446FAG Datasheet HTML 5Page - ON Semiconductor MC100EP446FAG Datasheet HTML 6Page - ON Semiconductor MC100EP446FAG Datasheet HTML 7Page - ON Semiconductor MC100EP446FAG Datasheet HTML 8Page - ON Semiconductor MC100EP446FAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC10EP446, MC100EP446
http://onsemi.com
4
SYNC
Figure 3. Logic Diagram
D0
D
Q
R
C
DQ
R
C
D4
DQ
R
C
DQ
R
C
DQ
R
C
DQ
R
C
DQ
R
C
DQ
R
C
D2
D6
D1
D5
D3
D7
MUX
2:1
MUX
2:1
MUX
2:1
MUX
2:1
DQ
R
C
DQ
R
C
DQ
R
C
DQ
R
C
÷2
MUX
2:1
MUX
2:1
DQ
R
C
DQ
R
C
MUX
2:1
÷2
÷2
DQ
R
C
SOUT
SOUT
PCLK
PCLK
MUX
2:1
CKEN
CKEN
CLK
CLK
CKSEL
SYNC
VBB
VCF
VEF
VEE
Control
Logic
VCC


유사한 부품 번호 - MC100EP446FAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP446FAG ONSEMI-MC100EP446FAG Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
More results

유사한 설명 - MC100EP446FAG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP446 ONSEMI-MC10EP446_07 Datasheet
269Kb / 20P
   3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
February, 2007 ??Rev. 9
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC100EP445 ONSEMI-MC100EP445 Datasheet
115Kb / 16P
   3.3V/5V ECL 8-Bit Serial/Parallel Converter
November, 2002 - Rev. 7
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E137 ONSEMI-MC10E137_16 Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
MC10E141 ONSEMI-MC10E141_16 Datasheet
159Kb / 8P
   5V ECL 8?륛it Shift Register
July, 2016 ??Rev. 8
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com