전자부품 데이터시트 검색엔진 |
|
MC10EP451MNR4G 데이터시트(PDF) 1 Page - ON Semiconductor |
|
MC10EP451MNR4G 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 10 page © Semiconductor Components Industries, LLC, 2014 June, 2014 − Rev. 10 1 Publication Order Number: MC10EP451/D MC10EP451, MC100EP451 3.3V / 5V ECL 6-Bit Differential Register with Master Reset Description The MC10/100EP451 is a 6−bit fully differential register with common clock and single−ended Master Reset (MR). It is ideal for very high frequency applications where a registered data path is necessary. All inputs have a 75 k W pulldown resistor internally. Differential inputs have an override clamp. Unused differential register inputs can be left open and will default LOW. When the differential inputs are forced to < VEE + 1.2 V, the clamp will override and force the output to a default state. When in the default state, and since the flip−flop is edge triggered, the output reaches a determined, but not predicted, valid state. The positive transition of CLK (pin 4) will latch the registers. Master Reset (MR) HIGH will asynchronously reset all registers forcing Q outputs to go LOW. The 100 Series contains temperature compensation. Features • 450 ps Typical Propagation Delay • Maximum Frequency > 3.0 GHz Typical • Asynchronous Master Reset • 20 ps Skew Within Device, 35 ps Skew Device−To−Device • PECL Mode Operating Range: VCC = 3.0 V to 5.5 V With VEE = 0 V • NECL Mode Operating Range: VCC = 0 V With VEE = −3.0 V to −5.5 V • Open Input Default State • Safety Clamp on Inputs • These Devices are Pb−Free and are RoHS Compliant http://onsemi.com See detailed ordering and shipping information in the package dimensions section on page 8 of this data sheet. ORDERING INFORMATION LQFP−32 FA SUFFIX CASE 873A MARKING DIAGRAM* *For additional marking information, refer to Application Note AND8002/D. MCxxx EP451 AWLYYWWG xxx = 10 or 100 A = Assembly Location WL = Wafer Lot YY = Year WW = Work Week G or G = Pb−Free Package 32 1 MCxx EP451 AWLYYWW G G 1 QFN32 MN SUFFIX CASE 488AM (Note: Microdot may be in either location) |
유사한 부품 번호 - MC10EP451MNR4G |
|
유사한 설명 - MC10EP451MNR4G |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |