전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H016PG 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC10H016PG
상세설명  4?륛it Binary Counter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H016PG 데이터시트(HTML) 2 Page - ON Semiconductor

  MC10H016PG Datasheet HTML 1Page - ON Semiconductor MC10H016PG Datasheet HTML 2Page - ON Semiconductor MC10H016PG Datasheet HTML 3Page - ON Semiconductor MC10H016PG Datasheet HTML 4Page - ON Semiconductor MC10H016PG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H016
www.onsemi.com
2
Table 2. MAXIMUM RATINGS
Symbol
Characteristic
Rating
Unit
VEE
Power Supply (VCC = 0)
−8.0 to 0
Vdc
VI
Input Voltage (VCC = 0)
0 to VEE
Vdc
Iout
Output Current
Continuous
Surge
50
100
mA
TA
Operating Temperature Range
0 to +75
°C
Tstg
Storage Temperature Range
Plastic
Ceramic
−55 to +150
−55 to +165
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 3. ELECTRICAL CHARACTERISTICS (VEE = −5.2 V ±5%) (Note 1)
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
IE
Power Supply Current
126
115
126
mA
IinH
Input Current High
All Except MR
Pin 12 MR
450
1190
265
700
265
700
mA
IinL
Input Current Low
0.5
0.5
0.3
mA
VOH
High Output Voltage
−1.02
−0.84
−0.98
−0.81
−0.92
−0.735
Vdc
VOL
Low Output Voltage
−1.95
−1.63
−1.95
−1.63
−1.95
−1.60
Vdc
VIH
High Input Voltage
−1.17
−0.84
−1.13
−0.81
−1.07
−0.735
Vdc
VIL
Low Input Voltage
−1.95
−1.48
−1.95
−1.48
−1.95
−1.45
Vdc
1. Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 Ifpm is maintained.
Outputs are terminated through a 50 W resistor to −2.0 V.
Table 4. AC CHARACTERISTICS
25°
75°
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
tpd
Propagation Delay
Clock to Q
Clock to TC
MR to Q
1.0
0.7
0.7
2.4
2.4
2.4
1.0
0.7
0.7
2.5
2.5
2.5
1.0
0.7
0.7
2.7
2.6
2.6
ns
tset
Set-up Time
Pn to Clock
CE or PE to Clock
2.0
2.5
2.0
2.5
2.0
2.5
ns
thold
Hold Time
Clock to Pn
Clock to CE or PE
1.0
0.5
1.0
0.5
1.0
0.5
ns
fcount
Counting Frequency
200
200
200
MHz
tr
Rise Time
0.5
2.0
0.5
2.1
0.5
2.2
ns
tf
Fall Time
0.5
2.0
0.5
2.1
0.5
2.2
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.


유사한 부품 번호 - MC10H016PG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H016PG ONSEMI-MC10H016PG Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
More results

유사한 설명 - MC10H016PG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
logo
NXP Semiconductors
74F161A PHILIPS-74F161A Datasheet
111Kb / 14P
   4-bit binary counter
1996 Jan 29
logo
ON Semiconductor
MC10H016 ONSEMI-MC10H016_06 Datasheet
160Kb / 7P
   4?묪it Binary Counter
February, 2006 ??Rev. 8
SN74LS90 ONSEMI-SN74LS90 Datasheet
172Kb / 7P
   4-BIT BINARY COUNTER
July, 2006 ??Rev. 6
SN54-74LS290 ONSEMI-SN54-74LS290 Datasheet
74Kb / 5P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
Hitachi Semiconductor
HD74HC93 HITACHI-HD74HC93 Datasheet
55Kb / 11P
   4-bit Binary Counter
logo
NXP Semiconductors
74ALS161B PHILIPS-74ALS161B Datasheet
168Kb / 14P
   4-bit binary counter
1991 Feb 08
logo
Texas Instruments
CY5474FCT163T TI-CY5474FCT163T Datasheet
68Kb / 7P
[Old version datasheet]   4-Bit Binary Counter
MM54C90 TI1-MM54C90 Datasheet
374Kb / 8P
[Old version datasheet]   4-Bit Binary Counter
logo
Motorola, Inc
SN54LS290 MOTOROLA-SN54LS290 Datasheet
205Kb / 7P
   DECADE COUNTER; 4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com