전자부품 데이터시트 검색엔진 |
|
MC10H351FNR2G 데이터시트(PDF) 3 Page - ON Semiconductor |
|
MC10H351FNR2G 데이터시트(HTML) 3 Page - ON Semiconductor |
3 / 5 page MC10H351 www.onsemi.com 3 Table 2. ELECTRICAL CHARACTERISTICS (VCC = VCC1 = VCC2 = 5.0 V ± 5.0%)† 0° 25° 75° Symbol Characteristic Min Max Min Max Min Max Unit ECL Power Supply − 50 − 45 − 50 mA TTL Current − 20 − 15 − 20 mA IR IINH Reverse Current Pins 7, 8, 12, 14 Pin 9 − − 25 100 − − 20 80 − − 25 100 mA IF IINL Forward Current Pins 7, 8, 12, 14 Pin 9 − − −0.8 −3.2 − − −0.6 −2.4 − − −0.8 −3.2 mA V(BR)in Input Breakdown Voltage 5.5 − 5.5 − 5.5 − Vdc VI Input Clamp Voltage (Iin = −18 mA) − −1.5 − −1.5 − −1.5 Vdc VOH High Output Voltage (Note 1.) 3.98 4.16 4.02 4.19 4.08 4.27 Vdc VOL Low Output Voltage (1) 3.05 3.37 3.05 3.37 3.05 3.37 Vdc VIH High Input Voltage 2.0 − 2.0 − 2.0 − Vdc VIL Low Input Voltage − 0.8 − 0.8 − 0.8 Vdc †Each MECL 10H™ series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. Outputs are terminated through a 50 W resistor to VCC −2.0 Vdc. *Positive Emitter Coupled Logic 1. With VCC at 5.0 V. VOH/VOL change 1:1 with VCC. Table 3. AC PARAMETERS 0° 25° 75° Symbol Characteristic Min Max Min Max Min Max Unit tpd Propagation Delay (Note 2) 0.4 2.2 0.4 2.2 0.4 2.1 ns tr Rise Time (20% to 80%) 0.4 1.9 0.4 2.0 0.4 2.1 ns tf Fall Time (80% to 20%) 0.4 1.9 0.4 2.0 0.4 2.1 ns fmax Maximum Operating Frequency 150 − 150 − 150 − MHz NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Propagation delay is measured on this circuit from +1.5 V on the input waveform to the 50% point on the output waveform. |
유사한 부품 번호 - MC10H351FNR2G |
|
유사한 설명 - MC10H351FNR2G |