전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD242B 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 BD242B
상세설명  isc Silicon PNP Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD242B 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD242B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD242B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
BD242/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BD242
IC= -30mA ;IB= 0
-45
V
BD242A
-60
BD242B
-80
BD242C
-100
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3A; IB= -0.6A
-1.2
V
VBE(on)
Base-Emitter On Voltage
IC= -3A ; VCE= -4V
-1.8
V
ICES
Collector
Cutoff Current
BD242
VCE= -45V; VBE= 0
-0.2
mA
BD242A
VCE= -60V; VBE= 0
BD242B
VCE= -80V; VBE= 0
BD242C
VCE= -100V; VBE= 0
ICEO
Collector
Cutoff Current
BD242/A
VCE= -30V;IB= 0
-0.3
mA
BD242B/C
VCE= -60V;IB= 0
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-1.0
mA
hFE-1
DC Current Gain
IC= -1A ; VCE= -4V
25
hFE-2
DC Current Gain
IC= -3A ; VCE= -4V
10
fT
Current-Gain—Bandwidth Product
IC= -0.5A ; VCE= -10V, ftest= 1.0MHz
3.0
MHz


유사한 부품 번호 - BD242B

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
BD242B MOSPEC-BD242B Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
ON Semiconductor
BD242B ONSEMI-BD242B Datasheet
99Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2007 - Rev. 7
logo
Motorola, Inc
BD242B MOTOROLA-BD242B Datasheet
139Kb / 6P
   Complementary Silicon Plastic Power Transistors
logo
Comset Semiconductor
BD242B COMSET-BD242B Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Power Innovations Ltd
BD242B POINN-BD242B Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
More results

유사한 설명 - BD242B

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
STD888 ISC-STD888 Datasheet
227Kb / 2P
   isc Silicon PNP Power Transistor
2SB1157-3PFA ISC-2SB1157-3PFA Datasheet
152Kb / 2P
   isc Silicon PNP Power Transistor
KTB1366 ISC-KTB1366 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
KSH210 ISC-KSH210 Datasheet
336Kb / 3P
   isc Silicon PNP Power Transistor
BUX78 ISC-BUX78 Datasheet
213Kb / 2P
   isc Silicon PNP Power Transistor
BDS18 ISC-BDS18 Datasheet
193Kb / 2P
   isc Silicon PNP Power Transistor
2N3197 ISC-2N3197 Datasheet
260Kb / 2P
   isc Silicon PNP Power Transistor
2SA1649 ISC-2SA1649 Datasheet
283Kb / 2P
   isc Silicon PNP Power Transistor
2SB538 ISC-2SB538 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
2SB724 ISC-2SB724 Datasheet
257Kb / 2P
   isc Silicon PNP Power Transistor
BD844 ISC-BD844_17 Datasheet
276Kb / 2P
   isc Silicon PNP Power Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com