전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1084A 데이터시트(PDF) 7 Page - Keysight Technologies

부품명 U1084A
상세설명  Acqiris High-Speed PCIe Digitizers with On-Board Signal Processing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1084A 데이터시트(HTML) 7 Page - Keysight Technologies

Back Button U1084A Datasheet HTML 3Page - Keysight Technologies U1084A Datasheet HTML 4Page - Keysight Technologies U1084A Datasheet HTML 5Page - Keysight Technologies U1084A Datasheet HTML 6Page - Keysight Technologies U1084A Datasheet HTML 7Page - Keysight Technologies U1084A Datasheet HTML 8Page - Keysight Technologies U1084A Datasheet HTML 9Page - Keysight Technologies U1084A Datasheet HTML 10Page - Keysight Technologies U1084A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
Real-time FGPA control
(I/O A, B, and C)
FPGA
Virtex 5-5SX95T
Control Signals
TTL & CMOS compatible (3.3 V)
Memory 1
72 Mbit SRAM
-STD: 512 MB DRAM
-256: 256 MB DRAM
-128: 128 MB DRAM
General
Host computer and operating system
PC compatible (x86) systems running
32-and 64-bit Microsoft Windows, and
Linux.
Transfer speed
High-speed PCIe 1.1 x4 bus transfers
data at sustained rates up to 520
MB/s (measured) to host PC
Warranty
1 year
3 years (optional)
Environmental and physical 2
Operating temperature
5° to 40 °C (PC internal ambient
temperature)
Relative humidity
Type-tested at 80 % (non-condensing)
Dimensions
PCIe full-length standard
EMC
Complies with European EMC
directive 2004/108/EC
· IEC/EN 61326-2-1
· CISPR Pub 11 Group 1, class A
· AS/NZS CISPR 11
· ICES/NMB-001
This ISM device complies with
Canadian ICES-001.
Cet appareil ISM est conforme a la norme
NMB-001 du Canada.
Power consumption
See firmware option specifications
1) Available data point capacity of processing memory varies
depending on the firmware option chosen.
2) Samples of this product have been type tested in
accordance with the Agilent Environmental Test Manual and
verified to be robust against the environmental stresses of
Storage, Transportation and End-use; those stresses include
but are not limited to temperature, humidity, shock, vibration,
altitude and power line conditions.


유사한 부품 번호 - U1084A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
   USB Network Interface ??TP/FT-10 Channel
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
   DC/DC MODULES
More results

유사한 설명 - U1084A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
U5303A KEYSIGHT-U5303A Datasheet
3Mb / 16P
   PCIe High-Speed Digitizer with On-Board Processing
U5309A KEYSIGHT-U5309A Datasheet
3Mb / 14P
   PCIe High-Speed Digitizer with On-Board Processing
U5310A KEYSIGHT-U5310A Datasheet
1Mb / 12P
   PCIe High-Speed Digitizer with On-Board Processing
logo
Advantech Co., Ltd.
DSP-8661 ADVANTECH-DSP-8661_14 Datasheet
885Kb / 2P
   16-ch PCIe Versatile Video Processing Board with SDK
logo
National Instruments Co...
NI5154 NI-NI5154 Datasheet
403Kb / 6P
   High-Speed Digitizers-Optimized for Automated Test
logo
Analog Devices
ADXL195 AD-ADXL195 Datasheet
79Kb / 2P
   High Performance Accelerometer with Dual Spectrum Signal Processing
Rev. SpA
logo
Cypress Semiconductor
CY8C25122 CYPRESS-CY8C25122_05 Datasheet
1Mb / 151P
   Mixed-Signal Array with On-board Controller
logo
Sanyo Semicon Device
LA76922M SANYO-LA76922M Datasheet
141Kb / 3P
   Signal-Processing IC with Integrated Microcontroller
logo
PerkinElmer Optoelectro...
A2TPMI PERKINELMER-A2TPMI Datasheet
316Kb / 21P
   Thermopile with integrated signal processing circuit
logo
KODENSHI_AUK CORP.
PIC-0103 KODENSHI-PIC-0103 Datasheet
165Kb / 2P
   Photo IC(photodiode with signal processing)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com