전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

J031-57180-PKG10 데이터시트(PDF) 9 Page - Japan Aviation Electronics Industry, Ltd.

부품명 J031-57180-PKG10
상세설명  VG95234 Qualified Circular Waterproof Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JAE [Japan Aviation Electronics Industry, Ltd.]
홈페이지  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

J031-57180-PKG10 데이터시트(HTML) 9 Page - Japan Aviation Electronics Industry, Ltd.

Back Button J031-57180-PKG10 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. J031-57180-PKG10 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. J031-57180-PKG10 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. J031-57180-PKG10 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. J031-57180-PKG10 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. J031-57180-PKG10 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. J031-57180-PKG10 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. J031-57180-PKG10 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd. J031-57180-PKG10 Datasheet HTML 10Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MB-0285-3
9/10
JAE Connector 2nd Sales Div. Proprietary. Copyright © 2016, Japan Aviation Electronics Industry, Ltd.
Size 36, 48 position (Conduit Compatible Type)
JK06DM48S*1 (Drawing Number: SJ116186)
JK06DM48S*2 (Drawing Number: SJ116187)
(Short Endbell Type)
Size 36, 48 position Panel Mount Receptacle
JK06AM48P*1 (Drawing Number: SJ116185)
(58.4)
4-Φ4.3
24.05
49.2
5
93
(スパナ掛け)
20
48
63.5
(コンジットアダプタ寸法)
(58.4)
72
(スパナ掛け)
20
(コンジットアダプタ寸法)
Outer Information
Please contact PMA import agent Captain Industries, Inc. (URL: http://www.capind.co.jp)
for more information concerning PMA conduit adapter.
Outer shape and dimensions are for reference only, please refer to part drawings for further
product information. (Unit: mm)
Applicable Condit Adapter
PMA made product Part Number: BVNV-M506 SVNV-M506 BVNV-M508 SVNV-M508
NVNV-M506-9 (or 14)
MVNV-M506-9 (or 14)
NVNV-M508-9 (or 14)
MVNV-M508-9 (or 14)
(Wrench Section)
(Conduit Adapter Dimensions)
(Wrench Section)
(Conduit Adapter Dimensions)
Connected to conduit by
attaching PMA conduit adapter
Connected to conduit by
attaching PMA conduit adapter


유사한 설명 - J031-57180-PKG10

제조업체부품명데이터시트상세설명
logo
Assmann Electronics Inc...
A-CR-04PMMP-LC-WP ASSMANN-A-CR-04PMMP-LC-WP Datasheet
48Kb / 1P
   Waterproof Circular connector
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
CE02-2A DDK-CE02-2A Datasheet
192Kb / 3P
   Waterproof Circular Connectors
logo
Hirose Electric
JR-W HIROSE-JR-W Datasheet
823Kb / 13P
   Waterproof Circular Connectors
logo
Assmann Electronics Inc...
A-CR-04PMMS-LC-WP-R ASSMANN-A-CR-04PMMS-LC-WP-R Datasheet
260Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-05PMMS-LC-WP-R ASSMANN-A-CR-05PMMS-LC-WP-R Datasheet
260Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-03PMMS-LC-WP-R ASSMANN-A-CR-03PMMS-LC-WP-R Datasheet
257Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) PCB, PANEL MOUNT
A-CR-03PMMP-LC-WP-R ASSMANN-A-CR-03PMMP-LC-WP-R Datasheet
261Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) SOLDER TYPE, PANEL MOUNT
A-CR-04BFFA-L180-WP-R ASSMANN-A-CR-04BFFA-L180-WP-R Datasheet
252Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
A-CR-05BMMA-L180-WP-R ASSMANN-A-CR-05BMMA-L180-WP-R Datasheet
253Kb / 1P
   WATERPROOF CIRCULAR CONNECTOR (5A) ASSEMBLY TYPE, PANEL MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com