전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM136-5.0 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM136-5.0
상세설명  5.0V Reference Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM136-5.0 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  LM136-5.0 Datasheet HTML 1Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 2Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 3Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 4Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM136-5.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Reverse Current
15mA
Forward Current
10mA
Storage Temperature
−60˚C to +150˚C
Operating Temperature Range (Note 2)
LM136-5.0
−55˚C to +150˚C
LM236-5.0
−25˚C to +85˚C
LM336-5.0
0˚C to +70˚C
Soldering Information
TO-92 Package (10 sec.)
260˚C
TO-46 Package (10 sec.)
300˚C
SO Package
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on
Product Reliability” (appendix D) for other methods of sol-
dering surface mount devices.
Electrical Characteristics
(Note 3)
LM136A-5.0/LM236A-5.0
LM336B-5.0
Parameter
Conditions
LM136-5.0/LM236-5.0
LM336-5.0
Units
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage
T
A=25˚C, IR=1 mA
LM136-5.0/LM236-5.0/LM336-5.0
4.9
5.00
5.1
4.8
5.00
5.2
V
LM136A-5.0/LM236A-5.0, LM336B-5.0
4.95
5.00
5.05
4.90
5.00
5.1
V
Reverse Breakdown Change
T
A=25˚C,
6
12
6
20
mV
With Current
600 µA
≤I
R
≤10 mA
Reverse Dynamic Impedance
T
A=25˚C, IR=1 mA, f = 100 Hz
0.6
1.2
0.6
2
Temperature Stability
V
R Adjusted 5.00V
(Note 4)
I
R=1 mA, (Figure 2)
0˚C
≤T
A
≤70˚C (LM336-5.0)
4
12
mV
−25˚C
≤T
A
≤+85˚C (LM236-5.0)
7
18
mV
−55˚C
≤T
A
≤+125˚C (LM136-5.0)
20
36
mV
Reverse Breakdown Change
600 µA
≤I
R
≤10 mA
6
17
6
24
mV
With Current
Adjustment Range
Circuit of Figure 1
±1
±1V
Reverse Dynamic Impedance
I
R = 1 mA
0.8
1.6
0.8
2.5
Long Term Stability
T
A=25˚C±0.1˚C, IR=1 mA, t = 1000 hrs
20
20
ppm
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its specified operating conditions.
Note 2: For elevated temperature operation, Tj max is:
LM136
150˚C
LM236
125˚C
LM336
100˚C
Thermal Resistance
TO-92
TO-46
SO-8
θ
ja (Junction to Ambient)
180˚C/W (0.4" Leads)
440˚C/W 165˚C/W
170˚C/W (0.125"
Leads)
θ
ja (Junction to Case)
N/A
80˚C/W
N/A
Note 3: Unless otherwise specified, the LM136-5.0 is specified from −55˚C
≤TA≤+125˚C, the LM236-5.0 from −25˚C≤TA≤+85˚C and the LM336-5.0 from
0˚C
≤TA≤+70˚C.
Note 4: Temperature stability for the LM336 and LM236 family is guaranteed by design. Design limits are guaranteed (but not 100% percent production tested) over
the indicated temperature and supply voltage ranges. These limits are not used to calculate outgoing quality levels. Stability is defined as the maximum charge in
VREF from 25˚C to TA(min) or TA(max).
www.national.com
3


유사한 부품 번호 - LM136-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM136-5.0 TI1-LM136-5.0 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM136-5.0-MW8 TI1-LM136-5.0-MW8 Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0-MW8 TI1-LM136-5.0-MW8 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0QML TI1-LM136-5.0QML Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
More results

유사한 설명 - LM136-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML_16 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
logo
National Semiconductor ...
LM136-50 NSC-LM136-50 Datasheet
216Kb / 11P
   5.0V Reference Diode
logo
Texas Instruments
LM136-5.0QML TI1-LM136-5.0QML Datasheet
293Kb / 16P
[Old version datasheet]   LM136A-5.0QML LM136-5.0QML 5.0V Reference Diode
LM136-5.0 TI-LM136-5.0_15 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
logo
Intersil Corporation
X60008B-50 INTERSIL-X60008B-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
X60008C-50 INTERSIL-X60008C-50 Datasheet
295Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008B-50 INTERSIL-X60008B-50 Datasheet
296Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008E-50 INTERSIL-X60008E-50 Datasheet
294Kb / 14P
   Precision 5.0V FGA Voltage Reference
X60008C-50 INTERSIL-X60008C-50_06 Datasheet
293Kb / 14P
   Precision 5.0V FGA??Voltage Reference
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
169Kb / 4P
   5.0V LOW POWER PRECISION REFERENCE SOURCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com