전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BM81810MUV-M 데이터시트(PDF) 18 Page - Rohm

부품명 BM81810MUV-M
상세설명  Automotive Panel Power Management IC
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BM81810MUV-M 데이터시트(HTML) 18 Page - Rohm

Back Button BM81810MUV-M Datasheet HTML 14Page - Rohm BM81810MUV-M Datasheet HTML 15Page - Rohm BM81810MUV-M Datasheet HTML 16Page - Rohm BM81810MUV-M Datasheet HTML 17Page - Rohm BM81810MUV-M Datasheet HTML 18Page - Rohm BM81810MUV-M Datasheet HTML 19Page - Rohm BM81810MUV-M Datasheet HTML 20Page - Rohm BM81810MUV-M Datasheet HTML 21Page - Rohm BM81810MUV-M Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 79 page
background image
18/75
TSZ02201-0313AAF00730-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
25.July.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BM81810MUV-M
●Typical Performance Curves⑨
(Unless otherwise specified VIN=3.3V, VDD=2.5V, AVDD=10.5V, VGH=18V, VGL=-6.0V, VCOM=5.25V and Ta=25℃)
Figure 35. Switching waveform
(AVDD)
AVDD(AC, 20mV/div.)
SW(10V/div.)
IL(0.2A/div.)
Iout(0.2A/div.)
2usec/div.
0
2
4
6
8
10
12
-400 -300 -200 -100
0
100 200 300 400
Load [mA]
AVDD=13V
VCOM=6.5V setting
Ta=105℃
Ta=25℃
Ta=-40℃
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
E4 D0 BC A8 94 80 14 28 3C 50 64
Data [HEX]
AVDD=15V
VCOM=3.5V ~ 11.5V
Ta=25℃
Ta=105℃
Ta=-40℃
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
E4 D0 BC A8 94 80 14 28 3C 50 64
Data [HEX]
AVDD=15V
VCOM=3.5V ~ 11.5V
Ta=105℃
Ta=25℃
Ta=-40℃
Figure 36. Output Current
(VCOM)
Figure 37.
DAC INL
(VCOM)
Figure 38.
DAC DNL
(VCOM)


유사한 부품 번호 - BM81810MUV-M

제조업체부품명데이터시트상세설명
logo
Rohm
BM81810MUF-M ROHM-BM81810MUF-M Datasheet
3Mb / 78P
   Automotive Panel Power Management IC
More results

유사한 설명 - BM81810MUV-M

제조업체부품명데이터시트상세설명
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
   Automotive Panel Power Management IC
BM81810MUF-M ROHM-BM81810MUF-M Datasheet
3Mb / 78P
   Automotive Panel Power Management IC
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
Rohm
BD868XXMUF-C ROHM-BD868XXMUF-C Datasheet
956Kb / 10P
   Automotive Power Management IC PMIC for Automotive Camera
06.Apr.2022 Rev.001
logo
Fujitsu Component Limit...
MB39C313 FUJITSU-MB39C313 Datasheet
656Kb / 52P
   4ch System Power Management IC for LCD Panel
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com