전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD17585F5T 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD17585F5T
상세설명  30-V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17585F5T 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CSD17585F5T Datasheet HTML 5Page - Texas Instruments CSD17585F5T Datasheet HTML 6Page - Texas Instruments CSD17585F5T Datasheet HTML 7Page - Texas Instruments CSD17585F5T Datasheet HTML 8Page - Texas Instruments CSD17585F5T Datasheet HTML 9Page - Texas Instruments CSD17585F5T Datasheet HTML 10Page - Texas Instruments CSD17585F5T Datasheet HTML 11Page - Texas Instruments CSD17585F5T Datasheet HTML 12Page - Texas Instruments CSD17585F5T Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
(R0.05) TYP
3X (0.39)
3X (0.2)
(0.525)
2X (0.15)
(0.15)
SYMM
1
3
SYMM
SOLDER MASK EDGE
TYP
(0.5)
3X (0.39)
3X (0.15)
(0.05) MIN
ALL AROUND
(R0.05) TYP
SYMM
1
3
SYMM
SOLDER MASK
OPENING
TYP
METAL UNDER
SOLDER MASK
TYP
9
CSD17585F5
www.ti.com
SLPS610 – OCTOBER 2016
Product Folder Links: CSD17585F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.2 Recommended Minimum PCB Layout
(1)
All dimensions are in millimeters.
7.3 Recommended Stencil Pattern
(1)
All dimensions are in millimeters.


유사한 부품 번호 - CSD17585F5T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17581Q3AT TI1-CSD17581Q3AT Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD17581Q5AT TI1-CSD17581Q5AT Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
More results

유사한 설명 - CSD17585F5T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
[Old version datasheet]   30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
588Kb / 12P
[Old version datasheet]   CSD17483F4, 30 V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
[Old version datasheet]   CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com