전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10H160 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 MC10H160
상세설명  12-Bit Parity Generator-Checker
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H160 데이터시트(HTML) 3 Page - ON Semiconductor

  MC10H160 Datasheet HTML 1Page - ON Semiconductor MC10H160 Datasheet HTML 2Page - ON Semiconductor MC10H160 Datasheet HTML 3Page - ON Semiconductor MC10H160 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC10H160
http://onsemi.com
3
PACKAGE DIMENSIONS
PLCC–20
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 775–02
ISSUE C
NOTES:
1. DATUMS –L–, –M–, AND –N– DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS PLASTIC
BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM –T–, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE MOLD
FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250)
PER SIDE.
4. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM BY UP TO 0.012 (0.300).
DIMENSIONS R AND U ARE DETERMINED AT THE
OUTERMOST EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS,
GATE BURRS AND INTERLEAD FLASH, BUT
INCLUDING ANY MISMATCH BETWEEN THE TOP
AND BOTTOM OF THE PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037 (0.940).
THE DAMBAR INTRUSION(S) SHALL NOT CAUSE
THE H DIMENSION TO BE SMALLER THAN 0.025
(0.635).
–M–
–N–
–L–
Y BRK
W
V
D
D
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
S
0.010 (0.250)
N S
T
X
G1
B
U
Z
VIEW D–D
20
1
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
S
0.010 (0.250)
N S
T
C
G
VIEW S
E
J
R
Z
A
0.004 (0.100)
–T–
SEATING
PLANE
S
L–M
M
0.007 (0.180)
N S
T
S
L–M
M
0.007 (0.180)
N S
T
H
VIEW S
K
K1
F
G1
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.385
0.395
9.78
10.03
B
0.385
0.395
9.78
10.03
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.019
0.33
0.48
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
–––
0.51
–––
K
0.025
–––
0.64
–––
R
0.350
0.356
8.89
9.04
U
0.350
0.356
8.89
9.04
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
–––
0.020
–––
0.50
Z
2
10
2
10
G1
0.310
0.330
7.88
8.38
K1
0.040
–––
1.02
–––
___
_


유사한 부품 번호 - MC10H160

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
152Kb / 6P
   12?묪it Parity Generator?묬hecker
February, 2006 ??Rev. 8
MC10H160FN ONSEMI-MC10H160FN Datasheet
152Kb / 6P
   12?묪it Parity Generator?묬hecker
February, 2006 ??Rev. 8
MC10H160FNG ONSEMI-MC10H160FNG Datasheet
152Kb / 6P
   12?묪it Parity Generator?묬hecker
February, 2006 ??Rev. 8
MC10H160L ONSEMI-MC10H160L Datasheet
152Kb / 6P
   12?묪it Parity Generator?묬hecker
February, 2006 ??Rev. 8
MC10H160M ONSEMI-MC10H160M Datasheet
152Kb / 6P
   12?묪it Parity Generator?묬hecker
February, 2006 ??Rev. 8
More results

유사한 설명 - MC10H160

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160_06 Datasheet
62Kb / 5P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10E160 ONSEMI-MC10E160 Datasheet
106Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
1996 REV 2
MC10E160 ONSEMI-MC10E160_06 Datasheet
191Kb / 8P
   5V ECL 12-Bit Parity Generator/Checker
June, 2006 ??Rev. 6
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com