전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD3030MR 데이터시트(PDF) 1 Page - EIC discrete Semiconductors

부품명 SD3030MR
상세설명  SCHOTTKY BARRIER RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SD3030MR 데이터시트(HTML) 1 Page - EIC discrete Semiconductors

  SD3030MR Datasheet HTML 1Page - EIC discrete Semiconductors SD3030MR Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD3030MR
SCHOTTKY BARRIER
RECTIFIER DIODE
PRV : 30 Volts
IO : 30 Amperes
FEATURES :
* High current capability
* Low forward voltage drop
* High surge capacity
* Low power loss, High efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Polarity : Cathode polarity band
* Mounting position : Any
* Weight : 1.624 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
SYMBOL
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
V
Maximum Surge Peak Reverse Voltage
VRSM
V
Maximum Average Forward Current, at Ta = 70 °C
IF(AV)
A
Maximum Peak Forward Surge Current,
50 Hz half sine wave
Maximum Forward Voltage
at IF = 5 A , TJ = 25 °C
at IF = 30 A , TJ = 25 °C
Maximum Reverse Current at
@ (TJ = 25 °C)
IR
µA
at VR = VRRM
@ (TJ = 125 °C)
IR(H)
mA
Typical Thermal Resistance Junction to Lead (Note 1)
RӨJL
K/W
Operating Junction Temperature Range
(TJ ≤ 200 °C in bypass mode (Note 2))
Storage Temperature Range
TSTG
°C
Notes :
(1) Thermal resistance from junction to leas/terminal at distance 0 mm from case.
(2) Max. Junction Temperature TJ ≤150 °C(VR ≤80% VRRM) in reverse mode and TJ ≤ 200 °C in bypass mode.
Page 1 of 2
Rev. 00 : January 24, 2011
°C
RATING
IFSM
650
A
30
TJ
VF
V
- 50 to + 175
VALUE
30
30
70
600
0.39
1.0
- 50 to + 150
0.55
Dimensions in inches and ( millimetres )
0.342 (8.69)
0.332 (8.43)
0.175 (4.45)
0.165 (4.19)
0.246 (6.25)
0.234 (5.94)
0.222 (5.64)
0.218 (5.54)
5° NOM
MR
www.eicsemi.com


유사한 부품 번호 - SD3030MR

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
SD3030 EIC-SD3030 Datasheet
172Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
More results

유사한 설명 - SD3030MR

제조업체부품명데이터시트상세설명
logo
Naina Semiconductor ltd...
1N5831 NAINA-1N5831_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
SD41 NAINA-SD41_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-006 EIC-ERA83-006_11 Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD3220S020S3R0 AVX-SD3220S020S3R0_17 Datasheet
478Kb / 7P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
MBR1660CT EIC-MBR1660CT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
ERB84-009 EIC-ERB84-009 Datasheet
41Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
Naina Semiconductor ltd...
1N6391 NAINA-1N6391_1 Datasheet
99Kb / 2P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERC81-004 EIC-ERC81-004 Datasheet
35Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODE
logo
AVX Corporation
SD2114S040S8R0 AVX-SD2114S040S8R0 Datasheet
615Kb / 6P
   Schottky Barrier Rectifier Diode
logo
EIC discrete Semiconduc...
ERA83-004 EIC-ERA83-004_11 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODE
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com