전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL441-EP 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TL441-EP
상세설명  LOGARITHMIC AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL441-EP 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TL441-EP Datasheet HTML 5Page - Texas Instruments TL441-EP Datasheet HTML 6Page - Texas Instruments TL441-EP Datasheet HTML 7Page - Texas Instruments TL441-EP Datasheet HTML 8Page - Texas Instruments TL441-EP Datasheet HTML 9Page - Texas Instruments TL441-EP Datasheet HTML 10Page - Texas Instruments TL441-EP Datasheet HTML 11Page - Texas Instruments TL441-EP Datasheet HTML 12Page - Texas Instruments TL441-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TL441EP
LOGARITHMIC AMPLIFIER
SGLS268 − OCTOBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Output Levels
Differential-output-voltage levels are low, generally less than 0.6 V. As demonstrated in Figure 11, the output
swing and the slope of the output response can be adjusted by varying the gain by means of the slope control.
The coordinate origin also can be adjusted by positioning the offset of the output buffer.
Circuits
Figure 11 through Figure 18 show typical circuits using this logarithmic amplifier. Operational amplifiers not
otherwise designated are TLC271. For operation at higher frequencies, the TL592 is recommended instead of
the TLC271.
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
− 0.2
10 − 4
10 −3
10 −2
10 −1
101
1
TYPICAL TRANSFER CHARACTERISTICS
Adjusted for Increased
Slope and Offset
Adjusted For Minimum
Slope With Zero Offset
Input Voltage − V
Input
A1
A2
Y
Y
1/2
TL441
Origin
Slope
Output
GND
+
+
Figure 11. Output Slope and Origin Adjustment


유사한 부품 번호 - TL441-EP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

유사한 설명 - TL441-EP

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com