전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP196FAR2G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100EP196FAR2G
상세설명  3.3V ECL Programmable Delay Chip with FTUNE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196FAR2G 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100EP196FAR2G Datasheet HTML 1Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 2Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 3Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 4Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 5Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 6Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 7Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 8Page - ON Semiconductor MC100EP196FAR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC,2014
June, 2014 − Rev. 16
1
Publication Order Number:
MC100EP196/D
MC100EP196
3.3V ECL Programmable
Delay Chip with FTUNE
The MC100EP196 is a programmable delay chip (PDC) designed
primarily for clock deskewing and timing adjustment. It provides variable
delay of a differential NECL/PECL input transition. It has similar
architecture to the EP195 with the added feature of further tuneability in
delay using the FTUNE pin. The FTUNE input takes an analog voltage
from VCC to VEE to fine tune the output delay from 0 to 60 ps.
The delay section consists of a programmable matrix of gates and
multiplexers as shown in the logic diagram, Figure 2. The delay increment
of the EP196 has a digitally selectable resolution of about 10 ps and a net
range of up to 10.2 ns. The required delay is selected by the 10 data select
inputs D[9:0] values and controlled by the LEN (pin 10). A LOW level on
LEN allows a transparent LOAD mode of real time delay values by
D[9:0]. A LOW to HIGH transition on LEN will LOCK and HOLD
current values present against any subsequent changes in D[10:0]. The
approximate delay values for varying tap numbers correlating to D0 (LSB)
through D9 (MSB) are shown in Table 5.
Because the EP196 is designed using a chain of multiplexers, it has a
fixed minimum delay of 2.4 ns. An additional pin, D10, is provided for
controlling Pins 14 and 15, CASCADE and CASCADE, also latched
by LEN, in cascading multiple PDCs for increased programmable
range. The cascade logic allows full control of multiple PDCs.
Switching devices from all “1” states on D[0:9] with SETMAX LOW
to all “0” states on D[0:9] with SETMAX HIGH will increase the
delay equivalent to “D0”, the minimum increment.
Select input pins, D[10:0], may be threshold controlled by
combinations of interconnects between VEF (pin 7) and VCF (pin 8)
for LVCMOS, ECL, or LVTTL level signals. LVTTL and LVCMOS
operation is available in PECL mode only. For LVCMOS input levels,
leave VCF and VEF open. For ECL operation, short VCF and VEF
(pins 7 and 8). For LVTTL level operation, connect a 1.5 V supply
reference to VCF and leave open VEF pin. The 1.5 V reference voltage
to VCF pin can be accomplished by placing a 2.2 k
W resistor between
VCF and VEE for 3.3 V power supply.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single−ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series contains temperature compensation.
Maximum Frequency > 1.2 GHz Typical
Programmable Range: 0 ns to 10 ns
Delay Range: 2.4 ns to 12.4 ns
10 ps Increments
PECL Mode Operating Range:
VCC = 3.0 V to 3.6 V with VEE = 0 V
NECL Mode Operating Range:
VCC = 0 V with VEE = −3.0 V to −3.6 V
Open Input Default State
Safety Clamp on Inputs
A Logic High on the EN Pin Will Force Q to Logic
Low
D[10:0] Can Accept Either ECL, LVCMOS, or LVTTL
Inputs
VBB Output Reference Voltage
These are Pb−Free Devices*
32
1
MC100
AWLYYWWG
EP196
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
*For additional marking information, refer to
Application Note AND8002/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.


유사한 부품 번호 - MC100EP196FAR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP196FAR2G ONSEMI-MC100EP196FAR2G Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
More results

유사한 설명 - MC100EP196FAR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196B ONSEMI-MC100EP196B_14 Datasheet
165Kb / 18P
   ECL Programmable Delay Chip With FTUNE
June, 2014 ??Rev. 2
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com