전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QL4016-1PL84C 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 QL4016-1PL84C
상세설명  16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

QL4016-1PL84C 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL4016-1PL84C Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-1PL84C Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-1PL84C Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-1PL84C Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-1PL84C Datasheet HTML 9Page - List of Unclassifed Manufacturers QL4016-1PL84C Datasheet HTML 10Page - List of Unclassifed Manufacturers QL4016-1PL84C Datasheet HTML 11Page - List of Unclassifed Manufacturers QL4016-1PL84C Datasheet HTML 12Page - List of Unclassifed Manufacturers QL4016-1PL84C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
9
QL4016 QuickRAM Data Sheet Rev I
Table 11: DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Units
VIH
Input HIGH Voltage
0.5VCC
VCCIO+0.5
V
VIL
Input LOW Voltage
-0.5
0.3 V
CC
V
VOH
Output HIGH Voltage
IOH = -12 mA
2.4
V
IOH = -500 µA
0.9VCC
V
VOL
Output LOW Voltage
IOL = 16 mAa
a. Applies only to -1/-2/-3/-4 commercial grade devices. These speed grades are also PCI-compliant. All
other devices have 8mA IOL specifications.
0.45
V
IOL = 1.5 mA
0.1 V
CC
V
II
I or I/O Input Leakage Current
VI = V
CCIO or GND
-10
10
µA
IOZ
3-State Output Leakage Current
VI = VCCIO or GND
-10
10
µA
CI
Input Capacitanceb
b. Capacitance is sample tested only. Clock pins are 12 pF maximum.
10
pF
IOS
Output Short Circuit Currentc
c. Only one output at a time. Duration should not exceed 30 seconds.
VO = GND
-15
-180
mA
VO = VCC
40
210
mA
ICC
D.C. Supply Currentd
d. For -1/-2/-3/-4 commercial grade devices only. Maximum ICC is 3 mA for -0 commercial grade and all
industrial grade devices and 5 mA for all military grade devices. For AC conditions, contact
QuickLogic customer applications group (see
Contact Information) .
VI, VIO = V
CCIO or GND
0.50 (typ)
2
mA
ICCIO
D.C. Supply Current on VCCIO
0
100
µA


유사한 부품 번호 - QL4016-1PL84C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
QL4016-1PL84M ETC1-QL4016-1PL84M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4016-1PL84M/883 ETC1-QL4016-1PL84M/883 Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
More results

유사한 설명 - QL4016-1PL84C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
   9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
   58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
   90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
   60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
   25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Lumileds Lighting Compa...
L1HX-2770200000000 LUMILEDS-L1HX-2770200000000 Datasheet
2Mb / 17P
   Best performance. Most usable light.
20210523
logo
List of Unclassifed Man...
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
   High- Performance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com