전자부품 데이터시트 검색엔진 |
|
U1270 데이터시트(PDF) 7 Page - Keysight Technologies |
|
U1270 데이터시트(HTML) 7 Page - Keysight Technologies |
7 / 22 page Choose Among These Four Models U1271A U1272A U1273A U1273AX Basic Features Display resolution 30,000 counts 30,000 counts 30,000 counts 30,000 counts Display LCD LCD OLED OLED Backlight Yes Yes N/A N/A True RMS AC AC + DC AC + DC AC + DC Measurements Voltage Up to 1000 V AC, DC Up to 1000 V AC, DC Up to 1000 V AC, DC Up to 1000 V AC, DC Basic dcV accuracy 0.05% + 2 counts 0.05% + 2 counts 0.05% + 2 counts 0.05% + 2 counts Current Up to 10 A (20 A for 30 s) Up to 10 A (20 A for 30 s) Up to 10 A (20 A for 30 s) Up to 10 A (20 A for 30 s) Resistance Up to 100 MΩ Up to 300 MΩ Up to 300 MΩ Up to 300 MΩ Other measurements Frequency, capacitance, temperature, continuity, diode test Frequency, capacitance, temperature, continuity, diode test Frequency, capacitance, temperature, continuity, diode test Frequency, capacitance, temperature, continuity, diode test AC bandwidth 20 kHz 100 kHz 100 kHz 100 kHz Low pass filter Yes Yes Yes Yes Low impedance mode — Yes Yes Yes Smart Ohm — Yes Yes Yes Safety and Regulatory Over-voltage safety protection CAT III 1000 V, CAT IV 600 V CAT III 1000 V, CAT IV 600 V CAT III 1000 V, CAT IV 600 V CAT III 1000 V, CAT IV 600 V General Logging memory 200 points 10,000 points 10,000 points 10,000 points Connectivity Optional IR-USB and Bluetooth Optional IR-USB and Bluetooth Optional IR-USB and Bluetooth Optional IR-USB and Bluetooth Operating temperature –20 to 55 °C –20 to 55 °C –20 to 55 °C –40 to 55 °C Altitude 3000 meters 3000 meters 3000 meters 3000 meters Water and dust ingress protection IP 54 IP 54 IP 54 IP 54 Battery life Up to 300 hours 4X AAA Alkaline Up to 300 hours 4X AAA Alkaline Up to 60 hours 4X AAA Alkaline Up to 100 hours 4X AAA Lithium Warranty 3 years 3 years 3 years 3 years 7 | Keysight | U1270 Series Handheld Digital Multimeters - Data Sheet |
유사한 부품 번호 - U1270 |
|
유사한 설명 - U1270 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |