전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI1023X 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI1023X
상세설명  Dual P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1023X 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI1023X Datasheet HTML 1Page - Vishay Siliconix SI1023X Datasheet HTML 2Page - Vishay Siliconix SI1023X Datasheet HTML 3Page - Vishay Siliconix SI1023X Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Si1023X
Vishay Siliconix
New Product
Document Number: 71169
S-03104—Rev. A, 08-Feb-01
www.vishay.com
1
Dual P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (mA)
1.2 @ VGS = –4.5 V
–350
–20
1.6 @ VGS = –2.5 V
–300
2.7 @ VGS = –1.8 V
–150
FEATURES
BENEFITS
APPLICATIONS
D Very Small Footprint
D High-Side Switching
D Low On-Resistance: 1.2 W
D Low Threshold: 0.8 V (typ)
D Fast Swtiching Speed: 14 ns
D 1.8-V Operation
D Gate-Source ESD Protection
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Battery Voltage Operation
D Drivers: Relays, Solenoids, Lamps,
Hammers, Displays, Memories
D Battery Operated Systems
D Power Supply Converter Circuits
D Load/Power Switching Cell Phones, Pagers
Marking Code: B
Top View
3
1
D2
G2
S1
5
2
4
6
D1
S2
G1
SOT-563
SC-89
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
–20
Gate-Source Voltage
VGS
"6
V
_
TA = 25_C
–390
–370
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
–280
–265
Pulsed Drain Currentb
IDM
–650
mA
Continuous Source Current (diode conduction)a
IS
–450
–380
TA = 25_C
280
250
Maximum Power Dissipationa
TA = 85_C
PD
145
130
mW
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
Notes
a.
Surface Mounted on FR4 Board.
b.
Pulse width limited by maximum junction temperature.


유사한 부품 번호 - SI1023X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1023X VISHAY-SI1023X Datasheet
110Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1023X VISHAY-SI1023X Datasheet
144Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1023X-T1-E3 VISHAY-SI1023X-T1-E3 Datasheet
110Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1023X-T1-GE3 VISHAY-SI1023X-T1-GE3 Datasheet
110Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
SI1023X VISHAY-SI1023X_08 Datasheet
110Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results

유사한 설명 - SI1023X

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com