전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3210M-KT 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 SI3210M-KT
상세설명  PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SI3210M-KT 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SI3210M-KT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3210M-KT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3210M-KT Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3210M-KT Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3210M-KT Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3210M-KT Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3210M-KT Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3210M-KT Datasheet HTML 14Page - List of Unclassifed Manufacturers SI3210M-KT Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
Si3210/Si3211/Si3212
Preliminary Rev. 1.11
11
Table 4. Linefeed Characteristics
(VDDA, VDDD = 3.13 to 5.25 V, TA = 0 to 70°C for K-Grade, –40 to 85°C for B-Grade)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Loop Resistance Range
RLOOP
See note.*
0
160
DC Loop Current Accuracy
ILIM = 29 mA, ETBA = 4 mA
–10
10
%
DC Open Circuit Voltage
Accuracy
Active Mode; VOC = 48 V,
VTIP – VRING
–4
4
V
DC Differential Output
Resistance
RDO
ILOOP < ILIM
—160
DC Open Circuit Voltage—
Ground Start
VOCTO
IRING<ILIM; VRING wrt ground
VOC = 48 V
–4
4
V
DC Output Resistance—
Ground Start
RROTO
IRING<ILIM; RING to ground
160
DC Output Resistance—
Ground Start
RTOTO
TIP to ground
150
k
Loop Closure/Ring Ground
Detect Threshold Accuracy
ITHR = 11.43 mA
–20
20
%
Ring Trip Threshold
Accuracy
RTHR = 1100 Ω
–20
20
%
Ring Trip Response Time
User Programmable Register 70
and Indirect Register 36
———
Ring Amplitude
VTR
5 REN load; sine wave;
RLOOP = 160 Ω, VBAT = –75 V
44
VRMS
Ring DC Offset
ROS
Programmable in Indirect
Register 19
0—
V
Trapezoidal Ring Crest
Factor Accuracy
Crest factor = 1.3
–.05
.05
Sinusoidal Ring Crest
Factor
RCF
1.35
1.45
Ringing Frequency Accuracy
f = 20 Hz
–1
1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF Times
–50
50
msec
Calibration Time
↑CAL to ↓CAL Bit
600
msec
Power Alarm Threshold
Accuracy
At Power Threshold = 300 mW
–25
25
%
*Note:
DC resistance round trip; 160
Ω corresponds to 2 kft 26 gauge AWG.


유사한 부품 번호 - SI3210M-KT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3210M-E-FM SILABS-SI3210M-E-FM Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3210M-E-GM SILABS-SI3210M-E-GM Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3210M-FT SILABS-SI3210M-FT Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3210M-GT SILABS-SI3210M-GT Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3210M-TSSOP SILABS-SI3210M-TSSOP Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

유사한 설명 - SI3210M-KT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com