전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1190 데이터시트(PDF) 10 Page - Keysight Technologies

부품명 U1190
상세설명  Clamp Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1190 데이터시트(HTML) 10 Page - Keysight Technologies

Back Button U1190 Datasheet HTML 4Page - Keysight Technologies U1190 Datasheet HTML 5Page - Keysight Technologies U1190 Datasheet HTML 6Page - Keysight Technologies U1190 Datasheet HTML 7Page - Keysight Technologies U1190 Datasheet HTML 8Page - Keysight Technologies U1190 Datasheet HTML 9Page - Keysight Technologies U1190 Datasheet HTML 10Page - Keysight Technologies U1190 Datasheet HTML 11Page - Keysight Technologies U1190 Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Product Characteristics
Power supply
Battery type
2 x 1.5 V AAA Alkaline battery
Battery life
– Approximately 40 hours with backlight on
– Approximately 200 hours with backlight off and continuous DC voltage measurement
Power consumption
– Approximately 9 mVA with backlight off and DC voltage measurement
– Approximately 42 mVA with backlight on and DC voltage measurement
Display
Liquid crystal display (LCD) (with maximum reading of 6,000 counts)
Operating environment
– Operating temperature from –10 to 50°C, 0 to 80% RH
– Altitude up to 2,000 meters
– Pollution degree II
Relative humidity (RH)
Relative humidity up to 80% RH for temperature up to 30 °C decreasing linearly to 50% RH at 50 °C
Storage compliance
–40 to 60 °C, 40% to 80% RH without batteries
Safety compliance
– Low Voltage Directive (2006/95/EC)
– IEC 61010-1:2001/EN 61010-1:2001
– IEC 61010-2-032:2002/EN 61010-2-032:2002
– CAN/CSA-C22.2 No. 61010-1-04
– CAN/CSA-C22.2 No. 61010-2-032-04
– ANSI/UL Std No. 61010-1:2004
Measurement category
CAT III 600 V / CAT IV 300 V
Electromagnetic
compatibility (EMC)
– EMC Directive (2004/108/EC)
– IEC 61326-1:2005/EN61326-1:2006
– Canada: ICES/NMB-001: Issue 4, June 2006
– Australia/New Zealand: AS/NZS CISPR 11:2004
Temperature coefficient
0.1 x (specified accuracy)/°C (from 0 to 18 °C, or 28 to 50 °C)
Common mode rejection
ratio (CMRR)
> 60 dB at 50/60 Hz in the AC V function
> 120 dB at DC, 50/60 Hz in the DC V function
Dimensions (W x H x D)
U1191/2A: 77.1 x 225.0 x 38.6 mm
U1193/4A: 77.1 x 238.0 x 38.6 mm
Warranty1
– Three years for product
– Three months for product’s standard accessories (unless otherwise specified)
Weight (with batteries)
U1191/2A: 320 g
U1193A: 334 g
U1194A: 348 g
Calibration cycle
One year
Notes:
1. Please refer to
http://www.keysight.com/go/warranty_terms.
Please note that for the product, the warranty does not cover:
Damage from contamination
Normal wear and tear of mechanical components
Manuals and batteries


유사한 부품 번호 - U1190

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

유사한 설명 - U1190

제조업체부품명데이터시트상세설명
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Extech Instruments Corp...
EX710 EXTECH-EX710 Datasheet
319Kb / 12P
   800 Amp Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
MA430T EXTECH-MA430T Datasheet
364Kb / 1P
   MA430 Series 400A Clamp Meters NCV
MA620 EXTECH-MA620_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com