전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJ44400JD 데이터시트(PDF) 2 Page - Austin Semiconductor

부품명 SMJ44400JD
상세설명  1M x 4 DRAM DYNAMIC RANDOM-ACCESS MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUSTIN [Austin Semiconductor]
홈페이지  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

SMJ44400JD 데이터시트(HTML) 2 Page - Austin Semiconductor

  SMJ44400JD Datasheet HTML 1Page - Austin Semiconductor SMJ44400JD Datasheet HTML 2Page - Austin Semiconductor SMJ44400JD Datasheet HTML 3Page - Austin Semiconductor SMJ44400JD Datasheet HTML 4Page - Austin Semiconductor SMJ44400JD Datasheet HTML 5Page - Austin Semiconductor SMJ44400JD Datasheet HTML 6Page - Austin Semiconductor SMJ44400JD Datasheet HTML 7Page - Austin Semiconductor SMJ44400JD Datasheet HTML 8Page - Austin Semiconductor SMJ44400JD Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DRAM
SMJ44400
Austin Semiconductor, Inc.
SMJ44400
Rev. 2.0 10/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
2
(continued)
Enhanced Paga Mode (continued)
falling edge of RAS\. The buffers act as transparent or flow-
through latches while CAS\ is high. The falling edge of CAS\
latches the column addresses. This feature allows the
SMJ44400 to operate at a higher data bandwidth then conven-
tional page-mode parts, since data retrieval begins as soon as
column address is valid rather than when CAS\ goes low. This
performance improvement is referred to as enhanced page
mode. Valid column address can be presented immediately
after row address hold time has been satisfied, usually well in
advance of the maximum (access time from column address)
has been satisfied. In the event that column addresses for the
next cycle are valid at the time CAS\ goes high, access time
for the next cycle is determined by the later occurrence of
t
CAC
or t
CPA
(access time form rising edge of CAS\).
Address (A0-A9)
Twenty address bits are required to decode 1 of 1,048,576
storage cell locations. Ten row-address bits are set up on
inputs A0 through A9 and latched onto the chip by RAS\. The
ten column-address bits are set up on pins A0 through A9 and
latched onto the chip by CAS\. All addresses must be stable
on or before the falling edges of RAS\ and CAS\. RAS\ is
similar to a chip enable in that it activates the sense
amplifiers as well as the row decoder. CAS\ is used as a chip
select, activating the output buffer as well as latching the
address bits into the column-address buffer.
Write Enable (W\)
The read or write mode is selected through W\. A logic
high on the W\ input selects the read mode and a logic low
selects the write mode. The write-enable terminal can be
driven from standard TTL circuits without a pullup resistor.
The data input is disabled when the read mode is selected.
When W\ goes low prior to CAS\ (early write), data out
reamins in the high-impedance state for the entire cycle
permitting a write operation independent of the state of OE\.
This permits early-write operation to be completed with OE\
grounded.
Data In/Out (DQ1 - DQ4)
The high-impedance output buffer provides direct TTL
compatibility (no pullup resistor required) with a fanout of
two Series 54 TTL loads. Data out is the same polarity as data
in. The output is in the high-impedance (floating) state until
CAS\ and OE\ are brought low. In a read cycle the output
becomes valid after all access times are satisfied. The output
remains valid while CAS\ and OE\ are low. CAS\ or OE\ going
high returns it to the high-impedance state.
Output Enable (OE\)
OE\ controls the impedance of the output buffers. When
OE\ is high, the buffers remain in the high-impedance state.
Bringing OE\ low during a normal cycle activates the output
buffers, putting them in the low-impedance state. It is
necessary for both RAS\ and CAS\ to be brought low for the
output buffers to go into the low-impedance state. Once in
the low-ompedance state, they remain in the low-impedance
state until either OE\ or CAS\ is brought high.
Refresh
A refresh operation must be performed at least once every
16ms to retain data. This can be achieved by strobing each of
the 1024 rows (A0-A9). A normal read or write cycle
refreshes all bits in each row that is selected. A RAS\-only
operation can be used by holding CAS\ at the high (inactive)
level, conserving power as the output buffer remains in the
high-impedance state. Externally generated addresses must
be used for a RAS\-only refresh. Hidden refresh can be
performed while maintaining valid data at teh output pin. This
is accomplished by holding CAS\ at V
IL
after a read operation
and cycling RAS\ after a specified precharge period, similar
to a RAS\-only refresh cycle. The external address is ignored
during the hidden refresh cycles.
CAS\-before-RAS\ (CBR) and hidden refresh
CBR refresh is utilized by bringing CAS\ low earlier than
RAS\ (see parameter t
CSR
) and holding it low after RAS\ falls
(see parameter t
CSR
). For successive CBR refresh cycles,
CAS\ can remain low while cycling RAS\. The external
address is ignored and the refresh address is generated
internally. During CBR refresh cycles the outputs remain in
the high-impedance state.
Hidden refresh can be performed while maintaining valid
data at the output pins. Thsi is accomplished by holding CAS\
at VIL after a read operation. RAS\ is cycled after the
specified read cycle parameters are met. Hidden refresh can
also be used in conjuction with an early-write cycle. CAS\ is
maintained at VIL while RAS\ is cycled, once all the specified
early-write parameters are met. Externally generated
addresses must be used to specify the location to be accessed
during the initial RAS\ cycle of a hidden refresh operation.
Subsequent RAS\ cycles (refresh cycles) use the internally-
generated addresses and the external address is ignored.
Power Up
To achieve proper device operation, an initial pause of
200µs followed by a minimum of eight initialization cycles is


유사한 부품 번호 - SMJ44400JD

제조업체부품명데이터시트상세설명
logo
Micross Components
SMJ44400 MICROSS-SMJ44400 Datasheet
1Mb / 21P
   3-State unlatched Output
More results

유사한 설명 - SMJ44400JD

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MCM32100 MOTOROLA-MCM32100 Datasheet
532Kb / 13P
   1M x 32 Bit Dynamic Random Access Memory Module
MCM40100 MOTOROLA-MCM40100 Datasheet
545Kb / 13P
   1M x 40 Bit Dynamic Random Access Memory Module
logo
NTE Electronics
NTE21256 NTE-NTE21256 Datasheet
42Kb / 6P
   262,144-Bit Dynamic Random Access Memory (DRAM)
logo
Motorola, Inc
MCM6949 MOTOROLA-MCM6949 Datasheet
122Kb / 10P
   1M x 4 Bit Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW_09 Datasheet
65Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com