전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCA164245GRG4 데이터시트(PDF) 8 Page - Texas Instruments

부품명 74AVCA164245GRG4
상세설명  16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AVCA164245GRG4 데이터시트(HTML) 8 Page - Texas Instruments

Back Button 74AVCA164245GRG4 Datasheet HTML 4Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 5Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 6Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 7Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 8Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 9Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 10Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 11Page - Texas Instruments 74AVCA164245GRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
OUTPUT DESCRIPTION
136
-128
-144
-160
0.4
0.8
1.2
1.6
2.0
2.4
2.8
170
153
119
102
85
68
51
34
17
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
TA = 25°C
Process = Nominal
IOL - Output Current - mA
VCC = 3.3 V
VCC = 2.5 V
VCC = 1.8 V
TA = 25°C
Process = Nominal
IOH - Output Current - mA
VCC = 3.3 V
VCC = 2.5 V
VCC = 1.8 V
-80
-96
-112
-32
-48
-64
0
-16
SN74AVCA164245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES395B – JULY 2002 – REVISED OCTOBER 2005
over recommended operating free-air temperature range, V
CCA = 3.3 V ± 0.3 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
A
B
1.5
5.9
1.7
5.4
1.5
3.7
1.4
3.1
tpd
ns
B
A
1.3
4.5
1.6
3.8
1.5
3.3
1.4
3.1
A
2.5
7
2.6
6.9
2.1
5
1.9
4.1
ten
OE
ns
B
0.8
2.6
1.9
4
2
4.1
1.9
4.1
A
1.2
5.4
2.2
5.2
1.2
3.3
1.5
3.6
tdis
OE
ns
B
1.2
5.4
1.7
4.4
1.5
3.6
1.5
3.6
V
CCA and VCCB = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Outputs enabled
14
Power dissipation capacitance per transceiver,
A-port input, B-port output
Outputs disabled
7
CpdA
CL = 0,
f = 10 MHz
pF
Outputs enabled
20
Power dissipation capacitance per transceiver,
B-port input, A-port output
Outputs disabled
7
Outputs enabled
14
Power dissipation capacitance per transceiver,
A-port input, B-port output
Outputs disabled
7
CpdB
CL = 0,
f = 10 MHz
pF
Outputs enabled
20
Power dissipation capacitance per transceiver,
B-port input, A-port output
Outputs disabled
7
The DOC™ circuitry is implemented, which, during the transition, initially lowers the output impedance to
effectively drive the load and, subsequently, raises the impedance to reduce noise. Figure 1 shows typical VOL vs
IOL and VOH vs IOH curves to illustrate the output impedance and drive capability of the circuit. At the beginning of
the signal transition, the DOC circuit provides a maximum dynamic drive that is equivalent to a high-drive
standard-output device. For more information, refer to the TI application reports, AVC Logic Family Technology
and Applications, literature number SCEA006, and Dynamic Output Control (DOC™) Circuitry Technology and
Applications, literature number SCEA009.
Figure 1. Output Voltage vs Output Current
8


유사한 부품 번호 - 74AVCA164245GRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AVCA164245GRG4 TI-74AVCA164245GRG4 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
74AVCA164245GRG4 TI-74AVCA164245GRG4 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - 74AVCA164245GRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com