전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLE10D5-7 데이터시트(PDF) 4 Page - Copal Electronics

부품명 SLE10D5-7
상세설명  Miniature Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COPAL [Copal Electronics]
홈페이지  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SLE10D5-7 데이터시트(HTML) 4 Page - Copal Electronics

  SLE10D5-7 Datasheet HTML 1Page - Copal Electronics SLE10D5-7 Datasheet HTML 2Page - Copal Electronics SLE10D5-7 Datasheet HTML 3Page - Copal Electronics SLE10D5-7 Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
■ Miniature Poewr Switches
Poles
Type
Switching function
(※1)
(※2)
1 pole
HLA112D
ON
−ON
○○
HLA112D12
○○
HLC112D
○○
HLC112D12
○○
HLS112D
○○
HLS112D12
○○
STE115D10
−Z
○○
■ A series
Poles Part number Switching function
(※1)
1 pole
ALE1D
−2M4−10−Z
ON
−OFF− ON
ALE1D
−5M4−10−Z
ALE1E
−2M4−10−Z
ON
−OFF− ON
ALE1E
−5M4−10−Z
ALE1F
−2M4−10−Z
ON
−(ON)
ALE1F
−5M4−10−Z
ALE1G
−2M4−10−Z
(ON)−OFF−(ON)
ALE1G
−5M4−10−Z
ALE1H
−2M4−10−Z
ON
−OFF−(ON)
ALE1H
−5M4−10−Z
2 poles
ALE2D
−2M4−10−Z
ON
ON
ALE2D
−5M4−10−Z
ALE2N
−2M4−10−Z
ALE2E
−2M4−10−Z
ON
−OFF− ON
ALE2E
−5M4−10−Z
ALE2P
−2M4−10−Z
ALE2F
−2M4−10−Z
ON
−(ON)
ALE2F
−5M4−10−Z
ALE2R
−2M4−10−Z
ALE2G
−2M4−10−Z
(ON)−OFF−(ON)
ALE2G
−5M4−10−Z
ALE2S
−2M4−10−Z
ALE2H
−2M4−10−Z
ON
−OFF−(ON)
ALE2H
−5M4−10−Z
ALE2T
−2M4−10−Z
■Miniature Rocker Switches
Poles Part number Switching function
(※1)
(※2)
1 pole
HLA112A
ON
−OFF
○○
HLA112A12
○○
HLC112A
○○
HLC112A12
○○
HLS112A
○○
HLS112A12
○○
STE115A10
−Z
○○
STE115A12
−Z
○○
2 poles
HLA208K
○○
HLA208K12
○○
HLC208K
○○
HLC208K12
○○
HLS208K
○○
HLS208K12
○○
■ Miniature Rocker Switches
Poles Part number Switching function
(※1)
(※2)
(※4)
(※5)
Poles Part number Switching function
(※1)
(※2)
(※4)
(※5)
1
−pole
SLE6A
ON
−OFF
○○○○
1
−pole
SLE10A
ON
−OFF
○○○○
SLE6A-5
○○○○
SLE10A-5
○○○○
SLE6A-6
○○○○
SLE10A-6
○○○○
SLE6A-7
○○○○
SLE10A-7
○○○○
SLE6A-8
○○○○
SLE10A-8
○○○○
SLE6A2
○○○○
SLE10A2
○○○○
SLE6A2-5
○○○○
SLE10A2-5
○○○○
SLE6A2-6
○○○○
SLE10A2-6
○○○○
SLE6A2-7
○○○○
SLE10A2-7
○○○○
SLE6A2-8
○○○○
SLE10A2-8
○○○○
SLE6A4
○○○○
SLE10A4
○○○○
SLE6A4-5
○○○○
SLE10A4-5
○○○○
SLE6A4-6
○○○○
SLE10A4-6
○○○○
SLE6A4-7
○○○○
SLE10A4-7
○○○○
SLE6A4-8
○○○○
SLE10A4-8
○○○○
SLE6A5
○○○○
SLE10A5
○○○○
SLE6A5-5
○○○○
SLE10A5-5
○○○○
SLE6A5-6
○○○○
SLE10A5-6
○○○○
SLE6A5-7
○○○○
SLE10A5-7
○○○○
SLE6A5-8
○○○○
SLE10A5-8
○○○○
SLE6D
ON
−ON
○○○○
SLE10D
ON
−ON
○○○○
SLE6D-5
○○○○
SLE10D-5
○○○○
SLE6D-6
○○○○
SLE10D-6
○○○○
SLE6D-7
○○○○
SLE10D-7
○○○○
SLE6D-8
○○○○
SLE10D-8
○○○○
SLE6D2
○○○○
SLE10D2
○○○○
SLE6D2-5
○○○○
SLE10D2-5
○○○○
SLE6D2-6
○○○○
SLE10D2-6
○○○○
SLE6D2-7
○○○○
SLE10D2-7
○○○○
SLE6D2-8
○○○○
SLE10D2-8
○○○○
SLE6D4
○○○○
SLE10D4
○○○○
SLE6D4-5
○○○○
SLE10D4-5
○○○○
SLE6D4-6
○○○○
SLE10D4-6
○○○○
SLE6D4-7
○○○○
SLE10D4-7
○○○○
SLE6D4-8
○○○○
SLE10D4-8
○○○○
SLE6D5
○○○○
SLE10D5
○○○○
SLE6D5-5
○○○○
SLE10D5-5
○○○○
SLE6D5-6
○○○○
SLE10D5-6
○○○○
SLE6D5-7
○○○○
SLE10D5-7
○○○○
SLE6D5-8
○○○○
SLE10D5-8
○○○○
(※1)UL File No. E43275
(※2)CSA File No. LR38341
(※4)VDE File No. 120752
(※5)SEMKO File No. 614385
Poles
Type
Switching function
(※1)
(※2)
2 poles
HLA208N
ON
−ON
○○
HLA208N12
○○
HLC208N
○○
HLC208N12
○○
HLS208N
○○
HLS208N12
○○


유사한 부품 번호 - SLE10D5-7

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
SLE10 BANNER-SLE10 Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
SLE10B6V BANNER-SLE10B6V Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
SLE10B6VQ BANNER-SLE10B6VQ Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
SLE10B6VY BANNER-SLE10B6VY Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
SLE10B6VYQ BANNER-SLE10B6VYQ Datasheet
381Kb / 7P
   SLE10 Expert Series Slot Sensor
More results

유사한 설명 - SLE10D5-7

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE10K COPAL-SLE10K Datasheet
217Kb / 2P
   Miniature Power Rocker Switches
SL10K COPAL-SL10K Datasheet
221Kb / 2P
   Miniature Power Rocker Switches
SLE210K COPAL-SLE210K Datasheet
331Kb / 3P
   Miniature Power Rocker Switches
logo
C&K Components
DT12J11RS215DQA7 CK-COMPONENTS-DT12J11RS215DQA7 Datasheet
239Kb / 4P
   Miniature Power Rocker Switches
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
Copal Electronics
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com