전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2202G 데이터시트(PDF) 9 Page - Rohm

부품명 BD2202G
상세설명  0.2A, 0.5A Current Load Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2202G 데이터시트(HTML) 9 Page - Rohm

Back Button BD2202G_14 Datasheet HTML 5Page - Rohm BD2202G_14 Datasheet HTML 6Page - Rohm BD2202G_14 Datasheet HTML 7Page - Rohm BD2202G_14 Datasheet HTML 8Page - Rohm BD2202G_14 Datasheet HTML 9Page - Rohm BD2202G_14 Datasheet HTML 10Page - Rohm BD2202G_14 Datasheet HTML 11Page - Rohm BD2202G_14 Datasheet HTML 12Page - Rohm BD2202G_14 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
BD2202G
BD2206G
Datasheet
Typical Performance Curves - continued
Figure 16. Over-Current Shutdown Time vs
Supply Voltage
Figure 17. Over-Current Shutdown Time vs
Supply Voltage
Figure 18. Output Rise Time vs Supply Voltage
Figure 19. Output Rise Time vs
Ambient Temperature
0
500
1000
1500
2000
2500
2
2.5
3
3.5
4
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Supply Voltage : VIN[V]
0
500
1000
1500
2000
2500
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=3.3V
Ambient Temperature : Ta[°C]
Supply Voltage : VIN[V]
5
6
7
8
9
10
11
12
13
14
15
2
2.5
3
3.5
4
Ta=25°C
Supply Voltage : Ta[°C]
5
6
7
8
9
10
11
12
13
14
15
-50
0
50
100
VIN=3.3V
9/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300180-1-2
21.Aug.2014 Rev.003


유사한 부품 번호 - BD2202G_14

제조업체부품명데이터시트상세설명
logo
Rohm
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
More results

유사한 설명 - BD2202G_14

제조업체부품명데이터시트상세설명
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
logo
Diodes Incorporated
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Rohm
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
logo
Diodes Incorporated
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com