전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2224G-TR 데이터시트(PDF) 6 Page - Rohm

부품명 BD2224G-TR
상세설명  0.75A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2224G-TR 데이터시트(HTML) 6 Page - Rohm

Back Button BD2224G-TR Datasheet HTML 2Page - Rohm BD2224G-TR Datasheet HTML 3Page - Rohm BD2224G-TR Datasheet HTML 4Page - Rohm BD2224G-TR Datasheet HTML 5Page - Rohm BD2224G-TR Datasheet HTML 6Page - Rohm BD2224G-TR Datasheet HTML 7Page - Rohm BD2224G-TR Datasheet HTML 8Page - Rohm BD2224G-TR Datasheet HTML 9Page - Rohm BD2224G-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
BD2224G
BD2225G
Datasheet
Typical Performance Curves
Figure 5. Operating Current vs Ambient Temperature
(EN, /EN Enable)
Figure 6. Standby Current vs Supply Voltage
(EN, /EN Disable)
Figure 4. Operating Current vs Supply Voltage
(EN, /EN Enable)
Figure 7. Standby Current vs Ambient Temperature
(EN, /EN Disable)
Ta=25°C
Supply Voltage: VIN [V]
0
20
40
60
80
100
120
140
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Ambient Temperature: Ta [°C]
0.0
0.2
0.4
0.6
0.8
1.0
2
3
4
5
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Supply Voltage: VIN [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Ambient Temperature: Ta [°C]
6/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300200-1-2
21.Aug.2014 Rev.002


유사한 부품 번호 - BD2224G-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LBTR ROHM-BD2224G-LBTR Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

유사한 설명 - BD2224G-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BD2246G ROHM-BD2246G_14 Datasheet
1Mb / 27P
   0.75A Current Limit High Side Switch ICs
BD2220G ROHM-BD2220G_14 Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com